Electronic Components Datasheet Search
  English  ▼

X  

LP3947 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP3947
Description  LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3947 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3947 Datasheet HTML 3Page - Texas Instruments LP3947 Datasheet HTML 4Page - Texas Instruments LP3947 Datasheet HTML 5Page - Texas Instruments LP3947 Datasheet HTML 6Page - Texas Instruments LP3947 Datasheet HTML 7Page - Texas Instruments LP3947 Datasheet HTML 8Page - Texas Instruments LP3947 Datasheet HTML 9Page - Texas Instruments LP3947 Datasheet HTML 10Page - Texas Instruments LP3947 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
1 PF
1k
EN
ISEL
Mode
SCL
SDA
TS
VT
RS
RT
VBSense
BATT
10 PF
Li-Ion
CHG
EOC
GND
CHG-IN
LP3947
Wall
Adaptor
To
System
Supply
USB
Port
P-Ch
MOSFET
Diff-Amp
10k
LP3947
www.ti.com
SNVS298B – NOVEMBER 2004 – REVISED APRIL 2013
APPLICATION NOTES
LP3947 CHARGER OPERATION
The LP3947 charge cycle is initiated with AC adaptor or USB power source insertion. If the voltage on the CHG-
IN pin meets under-voltage (VUVLO-TSHD), over-voltage (VOVLO-TSHD) requirements, and the Adaptor OK signal is
detected, then pre-qualification cycle begins (see Figure 2). In this cycle, a safe current level, less than 70mA, is
pumped into the battery while the voltage across the battery terminals is measured. Once this voltage exceeds
3.0V, the controller will initiate constant current fast charge cycle. If the CHG-IN pin is connected to an AC
adaptor, the default charge current is 500 mA and I2C interface can be used to program this parameter. If the
CHG-IN pin is connected to the USB port, constant current cycle will start with a default of 100 mA. During this
cycle, the 5.6 hr safety timer starts counting.
If the 5.6 hr safety timers times out during constant current cycle, charging is terminated. As the battery is
charged during constant current mode, the voltage across pack terminal increases until it reaches 4.2V (or 4.1V).
As soon as pack terminal reaches 4.2V (or 4.1V), the controller starts operating in constant voltage mode by
applying regulated VBATT voltage across the battery terminals. During this cycle, the charge current, ICHG,
continues to decrease with time and when it drops below 0.1C (default value), the EOC signal is activated
indicating successful completion of the charge cycle. The EOC current can be programmed to 0.1C, 0.15C, or
0.2C. The default value is 0.1C. After completing the full charge cycle, the controller will start the maintenance
cycle where battery pack voltage is monitored continuously. During the maintenance cycle, if the pack voltage
drops 200 mV below the termination voltage, charge cycle will be initiated providing that the wall adaptor is
plugged in and is alive.
Charging terminates when the battery temperature is out of range. For more explanation, please refer to Ts PIN.
The LP3947 with I2C interface allows maximum flexibility in selecting the charge current, battery regulation
voltage and EOC current. The LP3947 operates in default mode during power up. See I2C INTERFACE for more
detail.
When charging source comes from the USB port, charging starts with 100 mA (low power mode, ISEL = high).
The USB controller can set the ISEL pin low to charge the battery at 500 mA. A simple external circuit selects
between an AC adaptor or the USB port. The circuit is designed with priority given to the AC adaptor.
Figure 3. LP3947 with External Switch
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3947



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com