Electronic Components Datasheet Search
  English  ▼

X  

LP3947 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3947
Description  LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3947 Datasheet(HTML) 1 Page - Texas Instruments

  LP3947 Datasheet HTML 1Page - Texas Instruments LP3947 Datasheet HTML 2Page - Texas Instruments LP3947 Datasheet HTML 3Page - Texas Instruments LP3947 Datasheet HTML 4Page - Texas Instruments LP3947 Datasheet HTML 5Page - Texas Instruments LP3947 Datasheet HTML 6Page - Texas Instruments LP3947 Datasheet HTML 7Page - Texas Instruments LP3947 Datasheet HTML 8Page - Texas Instruments LP3947 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1 PF
ISEL
MODE
EN
SCL
SDA
TS
VT
RS
RT
VBSense
BATT
10 PF
Li-Ion
CHG
EOC
GND
CHG-IN
LP3947
To
System
Supply
Diff-Amp
USB Power Source
4.3V to 5.5V
LP3947
www.ti.com
SNVS298B – NOVEMBER 2004 – REVISED APRIL 2013
LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
Check for Samples: LP3947
1
FEATURES
DESCRIPTION
The LP3947 is a complete charge management
23
•
Supports USB Charging Scheme
system that safely charges and maintains a Li-Ion
•
Integrated Pass Transistor
battery from either USB power source or AC adaptor.
•
Near-Depleted Battery Preconditioning
In USB mode, the LP3947 supports charging in low
power or high power mode. Alternatively, the LP3947
•
Monitors Battery Temperature
can take charge from AC adaptor. In both USB and
•
Built-In 5.6 Hour Timer
AC adaptor modes, charge current, battery regulation
•
Under Voltage and Over Voltage Lockout
voltage, and End of Charge (EOC) point can be
selected via I2C™ interface. The LP3947 can also
•
Charge Status Indicators
operate on default values that are pre-programmed in
•
Charge Current Monitor Analog Output
the factory. The battery temperature is monitored
•
LDO Mode Operation can source 1 Amp
continuously at the Ts pin to safeguard against
hazardous charging conditions. The charger also has
•
Continuous Over Current/Temperature
under-voltage and over-voltage protection as well as
Protection
an internal 5.6 hr timer to protect the battery. The
pass transistor and charge current sensing resistor
APPLICATIONS
are all integrated inside the LP3947.
•
Cellular Phones
The LP3947 operates in four modes: pre-qualification,
•
PDAs
constant current, constant voltage and maintenance
•
Digital Cameras
modes. There are two open drain outputs for status
indication. An internal amplifier readily converts the
•
USB Powered Devices
charge current into a voltage. Also, the charger can
•
Programmable Current Sources
operate in an LDO mode providing a maximum of 1.2
Amp to the load.
KEY SPECIFICATIONS
•
1% Charger Voltage Accuracy Over
0°C
≤ TJ ≤ 85°C
•
4.3V to 6V Input Voltage Range
•
100 mA to 750 mA Charge Current Range, in
Charger Mode
•
100 mA to 500 mA Charge Current Range, in
USB Mode
•
WSON Package Power Dissipation:
2.7W at TA = 25°C
TYPICAL APPLICATION CIRCUIT
More Application Circuit can be found in APPLICATION NOTES.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of Philips Semiconductor Corporation.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3947

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3947 NSC-LP3947 Datasheet
649Kb / 14P
USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
Texas Instruments
LP3947ISD-09/NOPB TI1-LP3947ISD-09/NOPB Datasheet
836Kb / 20P
LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
LP3947ISD-51 TI1-LP3947ISD-51 Datasheet
836Kb / 20P
LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
LP3947ISD-51/NOPB TI1-LP3947ISD-51/NOPB Datasheet
836Kb / 20P
LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
LP3947ISDX-51/NOPB TI1-LP3947ISDX-51/NOPB Datasheet
836Kb / 20P
LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
More results

Similar Description - LP3947

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
National Semiconductor ...
LP3947 NSC-LP3947 Datasheet
649Kb / 14P
USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
Texas Instruments
BQ24050 TI-BQ24050 Datasheet
1Mb / 37P
800mA Single Cell Li-Ion Battery Charger With Automatic Adaptor/USB Detection
logo
Richtek Technology Corp...
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
logo
Torex Semiconductor
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
logo
Texas Instruments
LP3947ISD-51 TI1-LP3947ISD-51 Datasheet
836Kb / 20P
LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
ACE Technology Co., LTD...
ACE4702 ACE-ACE4702 Datasheet
353Kb / 15P
2 Cell Li-ion Battery Charger IC
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com