Electronic Components Datasheet Search
  English  ▼

X  

LP3947 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP3947
Description  LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3947 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3947 Datasheet HTML 4Page - Texas Instruments LP3947 Datasheet HTML 5Page - Texas Instruments LP3947 Datasheet HTML 6Page - Texas Instruments LP3947 Datasheet HTML 7Page - Texas Instruments LP3947 Datasheet HTML 8Page - Texas Instruments LP3947 Datasheet HTML 9Page - Texas Instruments LP3947 Datasheet HTML 10Page - Texas Instruments LP3947 Datasheet HTML 11Page - Texas Instruments LP3947 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Timer time out
Charger = Off
Timer resets
RLED = ON
GLED = ON
Disconnect
power at
CHG-IN pin to
restart charger
Maintenance Mode
Charger = Off
RLED = Off
GLED = On
1.39V<Ts<2.42V
?
Battery Temp
violation
Charger = Off
Timer resets
RLED = ON
GLED = ON
Set Fast Charge Current = I
Start 5.6 hr Timer
Timer =
5.6 hr?
EN pin =
low?
Y
N
1.39V<Ts<2.42V
?
N
Y
Y
N
Y
N
N
Y
VBATT > = 4.1V*?
1.39V<Ts<2.42V
?
N
Y
1.39V<Ts<2.42V
?
N
Y
Constant Voltage Mode
VBATT = 4.1V *
Pre-Qualification
Charge Current = 50 mA
RLED = On
GLED = Off
1.39V<Ts<2.42V
?
N
Y
LDO Mode
ICHG = 1.2A
VBATT = 4.1V*
LED's Off
4.3V < VCHG-IN < 6.0V
and
VBATT < VCHG-IN
1.39V < Ts < 2.42V
4.3V < VCHG-IN < 6V
Ts t 2.7V
VBATT > VCHG-IN
LED's Off
Charger Off
1.39V<Ts<2.42V
?
N
Y
Timer =
5.6 hr?
EN pin =
low?
Y
N
or
VBATT > 3.0V?
N
IEOC < (0.1 x ICHG)*?
N
* Default Value. See "I
2
C Interface" section.
Y
VBATT > 3.0V?
N
Y
VBATT < 3.9V
EN pin =
High?
Y
and
N
Y
LP3947
SNVS298B – NOVEMBER 2004 – REVISED APRIL 2013
www.ti.com
Figure 4. LP3947 Charger Flow Chart
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3947



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com