Electronic Components Datasheet Search
  English  ▼

X  

LP3947 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP3947
Description  LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3947 Datasheet(HTML) 5 Page - Texas Instruments

  LP3947 Datasheet HTML 1Page - Texas Instruments LP3947 Datasheet HTML 2Page - Texas Instruments LP3947 Datasheet HTML 3Page - Texas Instruments LP3947 Datasheet HTML 4Page - Texas Instruments LP3947 Datasheet HTML 5Page - Texas Instruments LP3947 Datasheet HTML 6Page - Texas Instruments LP3947 Datasheet HTML 7Page - Texas Instruments LP3947 Datasheet HTML 8Page - Texas Instruments LP3947 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LP3947
www.ti.com
SNVS298B – NOVEMBER 2004 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted, VCHG-IN = 5V, VBATT = 4V, CCHG-IN = 1 µF, CBATT = 10 µF. Typical values and limits appearing in normal
type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, TJ
=
−40°C to +85°C.
(1) (2) (3)
Limit
Symbol
Parameter
Conditions
Typ
Units
Min
Max
IEOC
End of Charge Current Accuracy
100 mA to 450 mA, 0.1C EOC Only (4)
−10
+10
mA
500 mA to 750 mA, All EOC Points
−20
+20
%
VBATT
Battery Regulation Voltage (For 4.1V
TJ = 0°C to +85°C
4.1
4.059
4.141
Cell)
TJ = −40°C to +85°C
4.1
4.038
4.162
V
Battery Regulation Voltage (For 4.2V
TJ = 0°C to +85°C
4.1
4.158
4.242
Cell)
TJ = −40°C to +85°C
4.2
4.137
4.263
VCHG-Q
Full Charge Qualification Threshold
VBATT Rising, Transition from Pre-Charge
3.0
V
to Full Current
VBAT-RST
Restart Threshold Voltage
VBATT Falling, Transition from EOC, to Pre-
3.9
3.77
4.02
(For 4.1V Cell)
Qualification State
V
Restart Threshold Voltage
VBATT Falling, Transition from EOC, to Pre-
4.00
3.86
4.12
(For 4.2V Cell)
Qualification State
RSENSE
Internal Current Sense Resistance
(2)
120
m
Ω
Internal Current Sense Resistor Load
1.2
A
Current
ICHGMON
Diff-Amp Output
ICHG = 50 mA
0.583
ICHG = 100 mA
0.663
V
ICHG = 750 mA
1.790
tOUT
Charger Time Out
TJ = 0°C to 85°C
5.625
4.78
6.42
Hrs
TJ = −40°C to +85°C
5.625
4.5
6.75
VOL
Low Level Output Voltage
EOC, CHG Pins each at 9 mA
100
mV
TEMPERATURE SENSE COMPARATORS
VUTLO
Low Voltage Threshold
Voltage at Ts Pin, Rising
2.427
V
Voltage at Ts Pin, Falling
2.369
VOTLO
High Voltage Threshold
Voltage at Ts Pin, Rising
1.470
V
Voltage at Ts Pin, Falling
1.390
VLDO
LDO Mode Voltage Threshold
Voltage at Ts Pin, % of VT
97
%
VT
Voltage Output
2.787
V
LDO MODE (Ts = HIGH)
VOUT
Output Voltage Regulation
ILOAD = 50 mA
4.10
V
ILOAD = 750 mA
4.06
LOGIC LEVELS
VIL
Low Level Input Voltage
EN, ISEL, MODE
0.4
V
VIH
High Level Input Voltage
EN, ISEL, MODE
2.0
V
IIL
Input Current
EN, ISEL = LOW
−10
+10
µA
MODE = LOW
−5
+5
µA
IIH
Input Current
EN, ISEL, MODE = HIGH
−5
+5
µA
(4)
The ±10 mA limits apply to all charge currents from 100 mA to 450 mA, to 0.1C End Of Charge (EOC). The limits increase proportionally
with higher EOC points. For example, at 0.2C, the End Of Charge current accuracy becomes ±20 mA.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3947



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com