Electronic Components Datasheet Search
  English  ▼

X  

LP3947 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP3947
Description  LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3947 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3947 Datasheet HTML 5Page - Texas Instruments LP3947 Datasheet HTML 6Page - Texas Instruments LP3947 Datasheet HTML 7Page - Texas Instruments LP3947 Datasheet HTML 8Page - Texas Instruments LP3947 Datasheet HTML 9Page - Texas Instruments LP3947 Datasheet HTML 10Page - Texas Instruments LP3947 Datasheet HTML 11Page - Texas Instruments LP3947 Datasheet HTML 12Page - Texas Instruments LP3947 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CHG-IN
Batt
RSense
Diff-Amp
120 m:
0.583V
50 mA
Charge Current
750 mA
1.74V
ICHG =
(VDIFF - 0.497)
1.655
LP3947
www.ti.com
SNVS298B – NOVEMBER 2004 – REVISED APRIL 2013
CHARGE CURRENT SELECTION IN CONSTANT CURRENT MODE
In the AC adaptor mode, the LP3947 is designed to provide a charge current ranging from 100 mA to 750 mA, in
steps of 50 mA, to support batteries with different capacity ratings. The default value is 500 mA. No external
resistor is required to set the charge current in the LP3947. In the USB mode, the LP3947 will initially charge
with 100 mA (ISEL = high). By setting the ISEL pin low, charge current can be programmed to 500 mA. In
addition, with ISEL = low, the charge current can be programmed to different values via the I2C interface.
Table 2. Charge Current Selection in AC Adaptor/USB Mode
MODE Pin
ISEL Pin
Functions
AC Adaptor Mode
HIGH
HIGH
ISEL polarity is irrelevant. Default 500 mA charge current. Can be reprogrammed via
I2C.
HIGH
LOW
USB Mode
LOW
HIGH
100 mA charge current
LOW
LOW
Default 500 mA charge current. Can be reprogrammed via I2C.
BATTERY VOLTAGE SELECTION
The battery voltage regulation can be set to 4.1V or 4.2V by default. Please refer to Ordering Information for
more details.
END OF CHARGE (EOC) CURRENT SELECTION
The EOC thresholds can be programmed to 0.1C, 0.15C or 0.2C in the LP3947. The default value is 0.1C, which
provides the highest energy storage, but at the expense of longer charging time. On the other hand, 0.2C takes
the least amount of charging time, but yields the least energy storage.
CHARGE CURRENT SENSE DIFFERENTIAL AMPLIFIER
The charge current is monitored across the internal 120 m
Ω current sense resistor. The differential amplifier
provides the analog representation of the charge current. Charge current can be calculated using the following
equation:
(1)
Where voltage at Diff Amp output (VDIFF) is in volt, and charge current (ICHG) is in amps.
Figure 5. Charge Current Monitoring Circuit (Diff-Amp)
Monitoring the Diff Amp output during constant voltage cycle can provide an accurate indication of the battery
charge status and time remaining to EOC. This feature is particularly useful during constant voltage mode. The
current sense circuit is operational in the LDO mode as well. It can be used to monitor the system current
consumption during testing.
LED CHARGE STATUS INDICATORS
The LP3947 is equipped with two open drain outputs to drive a green LED and a red LED. These two LEDs work
together in combinations to indicate charge status or fault conditions. Table 3 shows all the conditions.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3947



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com