Electronic Components Datasheet Search
  English  ▼

X  

LP3947 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP3947
Description  LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3947 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3947 Datasheet HTML 2Page - Texas Instruments LP3947 Datasheet HTML 3Page - Texas Instruments LP3947 Datasheet HTML 4Page - Texas Instruments LP3947 Datasheet HTML 5Page - Texas Instruments LP3947 Datasheet HTML 6Page - Texas Instruments LP3947 Datasheet HTML 7Page - Texas Instruments LP3947 Datasheet HTML 8Page - Texas Instruments LP3947 Datasheet HTML 9Page - Texas Instruments LP3947 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
1C
4.1V
3.9V
3V
Prequalification to Fast
Charge transition
Battery
Voltage
Battery
Current
CC to CV transition
4.1V 0r 4.2V
Time
ON
OFF
ON
OFF
50 mA
GLED
RLED
End of Charge
Current
0.1C (Default)
LP3947
SNVS298B – NOVEMBER 2004 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS, I
2C INTERFACE
Unless otherwise noted, VCHG-IN = VDD = 5V, VBATT = 4V. Typical values and limits appearing in normal type apply for TJ =
25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, TJ = −40°C to
+125°C.
(1) (2) (3)
Limit
Symbol
Parameter
Conditions
Typ
Units
Min
Max
VIL
Low Level Input Voltage
SDA & SCL (2)
0.4
0.3 VDD
V
VIH
High Level Input Voltage
SDA & SCL (2)
0.7 VDD
VDD +0.5
V
VOL
Low Level Output Voltage
SDA & SCL (2)
0
0.2 VDD
V
VHYS
Schmitt Trigger Input Hysteresis
SDA & SCL (2)
0.1 VDD
V
FCLK
Clock Frequency
(2)
400
kHz
tHOLD
Hold Time Repeated START Condition
(2)
0.6
µs
tCLK-LP
CLK Low Period
(2)
1.3
µs
tCLK-HP
CLK High Period
(2)
0.6
µs
tSU
Set-Up Time Repeated START
(2)
0.6
µs
Condition
tDATA-HOLD
Data Hold Time
(2)
300
ns
tDATA-SU
Data Set-Up Time
(2)
100
ns
tSU
Set-Up Time for STOP Condition
(2)
0.6
µs
tTRANS
Maximum Pulse Width of Spikes that
(2)
must be Suppressed by the Input Filter
50
ns
of both DATA & CLK Signals.
(1)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot
and cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
Specified by design.
(3)
LP3947 is not intended as a Li-Ion battery protection device, any battery used in this application should have an adequate internal
protection.
Figure 2. Li-Ion Charging Profile
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3947



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com