Electronic Components Datasheet Search
  English  ▼

X  

MSP430 Datasheet(PDF) 34 Page - Texas Instruments

Part # MSP430
Description  MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430 Datasheet(HTML) 34 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 30Page - Texas Instruments MSP430 Datasheet HTML 31Page - Texas Instruments MSP430 Datasheet HTML 32Page - Texas Instruments MSP430 Datasheet HTML 33Page - Texas Instruments MSP430 Datasheet HTML 34Page - Texas Instruments MSP430 Datasheet HTML 35Page - Texas Instruments MSP430 Datasheet HTML 36Page - Texas Instruments MSP430 Datasheet HTML 37Page - Texas Instruments MSP430 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 96 page
background image
34
MSP430G2533, MSP430G2433, MSP430G2333, MSP430G2233
MSP430G2403, MSP430G2303, MSP430G2203
SLAS734G – APRIL 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430G2533 MSP430G2433 MSP430G2333 MSP430G2233 MSP430G2403 MSP430G2303
MSP430G2203
Specifications
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
The sensor current ISENSOR is consumed if (ADC10ON = 1 and REFON = 1) or (ADC10ON = 1 and INCH = 0Ah and sample signal is
high). When REFON = 1, ISENSOR is included in IREF+. When REFON = 0, ISENSOR applies during conversion of the temperature sensor
input (INCH = 0Ah).
(2)
The following formula can be used to calculate the temperature sensor output voltage:
VSensor,typ = TCSensor (273 + T [°C] ) + VOffset,sensor [mV] or
VSensor,typ = TCSensor T [°C] + VSensor(TA = 0°C) [mV]
(3)
The typical equivalent impedance of the sensor is 51 k
Ω. The sample time required includes the sensor-on time tSENSOR(on).
(4)
No additional current is needed. The VMID is used during sampling.
(5)
The on-time tVMID(on) is included in the sampling time tVMID(sample); no additional on time is needed.
5.34 10-Bit ADC, Temperature Sensor and Built-In VMID (MSP430G2x33 Only)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
ISENSOR
Temperature sensor supply
current(1)
REFON = 0, INCHx = 0Ah, TA = 25°C
3 V
60
µA
TCSENSOR
ADC10ON = 1, INCHx = 0Ah (2)
3 V
3.55
mV/°C
tSensor(sample)
Sample time required if channel 10
is selected (3)
ADC10ON = 1, INCHx = 0Ah,
Error of conversion result
≤ 1 LSB
3 V
30
µs
IVMID
Current into divider at channel 11
ADC10ON = 1, INCHx = 0Bh
3 V
(4)
µA
VMID
VCC divider at channel 11
ADC10ON = 1, INCHx = 0Bh,
VMID ≈ 0.5 × VCC
3 V
1.5
V
tVMID(sample)
Sample time required if channel 11
is selected (5)
ADC10ON = 1, INCHx = 0Bh,
Error of conversion result
≤ 1 LSB
3 V
1220
ns
(1)
Do not exceed the cumulative program time when writing to a 64-byte flash block. This parameter applies to all programming methods:
individual word or byte write and block write modes.
(2)
These values are hardwired into the state machine of the flash controller (tFTG = 1/fFTG).
5.35 Flash Memory
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC(PGM/ERASE)
Program and erase supply voltage
2.2
3.6
V
fFTG
Flash timing generator frequency
257
476
kHz
IPGM
Supply current from VCC during program
2.2 V, 3.6 V
1
5
mA
IERASE
Supply current from VCC during erase
2.2 V, 3.6 V
1
7
mA
tCPT
Cumulative program time(1)
2.2 V, 3.6 V
10
ms
tCMErase
Cumulative mass erase time
2.2 V, 3.6 V
20
ms
Program and erase endurance
104
105
cycles
tRetention
Data retention duration
TJ = 25°C
100
years
tWord
Word or byte program time
See (2)
30
tFTG
tBlock, 0
Block program time for first byte or word
See (2)
25
tFTG
tBlock, 1-63
Block program time for each additional byte or
word
See (2)
18
tFTG
tBlock, End
Block program end-sequence wait time
See (2)
6
tFTG
tMass Erase
Mass erase time
See (2)
10593
tFTG
tSeg Erase
Segment erase time
See (2)
4819
tFTG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com