Electronic Components Datasheet Search
  English  ▼

X  

MSP430 Datasheet(PDF) 74 Page - Texas Instruments

Part # MSP430
Description  MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430 Datasheet(HTML) 74 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 70Page - Texas Instruments MSP430 Datasheet HTML 71Page - Texas Instruments MSP430 Datasheet HTML 72Page - Texas Instruments MSP430 Datasheet HTML 73Page - Texas Instruments MSP430 Datasheet HTML 74Page - Texas Instruments MSP430 Datasheet HTML 75Page - Texas Instruments MSP430 Datasheet HTML 76Page - Texas Instruments MSP430 Datasheet HTML 77Page - Texas Instruments MSP430 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 96 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Oct-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
MSP430G2233IN20.B
Active
Production
PDIP (N) | 20
20 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
M430G2233
MSP430G2233IPW20
Active
Production
TSSOP (PW) | 20
70 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
430G2233
MSP430G2233IPW20.A
Active
Production
TSSOP (PW) | 20
70 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
430G2233
MSP430G2233IPW20.B
Active
Production
TSSOP (PW) | 20
70 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
430G2233
MSP430G2233IPW20R
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
430G2233
MSP430G2233IPW20R.A
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
430G2233
MSP430G2233IPW20R.B
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
430G2233
MSP430G2233IPW28
Active
Production
TSSOP (PW) | 28
50 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
430G2233
MSP430G2233IPW28.A
Active
Production
TSSOP (PW) | 28
50 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
430G2233
MSP430G2233IPW28.B
Active
Production
TSSOP (PW) | 28
50 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
430G2233
MSP430G2233IPW28R
Active
Production
TSSOP (PW) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
430G2233
MSP430G2233IPW28R.A
Active
Production
TSSOP (PW) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
430G2233
MSP430G2233IPW28R.B
Active
Production
TSSOP (PW) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
430G2233
MSP430G2233IRHB32R
Active
Production
VQFN (RHB) | 32
3000 | LARGE T&R
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 85
MSP430
G2233
MSP430G2233IRHB32R.A
Active
Production
VQFN (RHB) | 32
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
MSP430
G2233
MSP430G2233IRHB32R.B
Active
Production
VQFN (RHB) | 32
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
MSP430
G2233
MSP430G2233IRHB32T
Active
Production
VQFN (RHB) | 32
250 | SMALL T&R
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 85
MSP430
G2233
MSP430G2233IRHB32T.A
Active
Production
VQFN (RHB) | 32
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
MSP430
G2233
MSP430G2233IRHB32T.B
Active
Production
VQFN (RHB) | 32
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
MSP430
G2233
MSP430G2303IPW20
Active
Production
TSSOP (PW) | 20
70 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
430G2303
MSP430G2303IPW20.A
Active
Production
TSSOP (PW) | 20
70 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
430G2303
MSP430G2303IPW20.B
Active
Production
TSSOP (PW) | 20
70 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
430G2303
MSP430G2303IPW20R
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
430G2303
MSP430G2303IPW20R.A
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
430G2303
MSP430G2303IPW20R.B
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
430G2303
MSP430G2303IPW28
Active
Production
TSSOP (PW) | 28
50 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
430G2303
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com