Electronic Components Datasheet Search
  English  ▼

X  

MSP430 Datasheet(PDF) 41 Page - Texas Instruments

Part # MSP430
Description  MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430 Datasheet(HTML) 41 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 37Page - Texas Instruments MSP430 Datasheet HTML 38Page - Texas Instruments MSP430 Datasheet HTML 39Page - Texas Instruments MSP430 Datasheet HTML 40Page - Texas Instruments MSP430 Datasheet HTML 41Page - Texas Instruments MSP430 Datasheet HTML 42Page - Texas Instruments MSP430 Datasheet HTML 43Page - Texas Instruments MSP430 Datasheet HTML 44Page - Texas Instruments MSP430 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 96 page
background image
41
MSP430G2533, MSP430G2433, MSP430G2333, MSP430G2233
MSP430G2403, MSP430G2303, MSP430G2203
www.ti.com
SLAS734G – APRIL 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: MSP430G2533 MSP430G2433 MSP430G2333 MSP430G2233 MSP430G2403 MSP430G2303
MSP430G2203
Detailed Description
Copyright © 2011–2016, Texas Instruments Incorporated
Figure 6-5. Interrupt Flag Register 2 (Address = 03h)
7
6
5
4
3
2
1
0
UCB0TXIFG
UCB0RXIFG
UCA0TXIFG
UCA0RXIFG
rw-1
rw-0
rw-1
rw-0
Table 6-7. Interrupt Flag Register 2 Description
Bit
Field
Type
Reset
Description
3
UCB0TXIFG
RW
0h
USCI_B0 transmit interrupt flag
2
UCB0RXIFG
RW
1h
USCI_B0 receive interrupt flag
1
UCA0TXIFG
RW
1h
USCI_A0 transmit interrupt flag
0
UCA0RXIFG
RW
0h
USCI_A0 receive interrupt flag
6.6
Memory Organization
Table 6-8 summarizes the memory map.
Table 6-8. Memory Organization
MSP430G2233
MSP430G2203
MSP430G2333
MSP430G2303
MSP430G2433
MSP430G2403
MSP430G2533
Memory
Size
2KB
4KB
8KB
16KB
Main: interrupt vector
Flash
FFFFh to FFC0h
FFFFh to FFC0h
FFFFh to FFC0h
FFFFh to FFC0h
Main: code memory
Flash
FFFFh to F800h
FFFFh to F000h
FFFFh to E000h
FFFFh to C000h
Information memory
Size
256 byte
256 byte
256 byte
256 byte
Flash
010FFh to 01000h
010FFh to 01000h
010FFh to 01000h
010FFh to 01000h
RAM
Size
256 byte
256 byte
512 byte
512 byte
02FFh to 0200h
02FFh to 0200h
03FFh to 0200h
03FFh to 0200h
Peripherals
16-bit
01FFh to 0100h
01FFh to 0100h
01FFh to 0100h
01FFh to 0100h
8-bit
0FFh to 010h
0FFh to 010h
0FFh to 010h
0FFh to 010h
8-bit SFR
0Fh to 00h
0Fh to 00h
0Fh to 00h
0Fh to 00h
6.7
Bootloader (BSL)
The MSP430 BSL enables users to program the flash memory or RAM using a UART serial interface.
Access to the MSP430 memory through the BSL is protected by user-defined password. For complete
description of the features of the BSL and its implementation, see the MSP430 Programming With the
Bootloader User's Guide (SLAU319). Table 6-9 lists the BSL function pins.
Table 6-9. BSL Function Pins
BSL FUNCTION
20-PIN PW PACKAGE
20-PIN N PACKAGE
28-PIN PW PACKAGE
32-PIN RHB PACKAGE
Data transmit
3 - P1.1
3 - P1.1
1 - P1.1
Data receive
7 - P1.5
7 - P1.5
5 - P1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com