Electronic Components Datasheet Search
  English  ▼

X  

MSP430 Datasheet(PDF) 43 Page - Texas Instruments

Part # MSP430
Description  MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430 Datasheet(HTML) 43 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 39Page - Texas Instruments MSP430 Datasheet HTML 40Page - Texas Instruments MSP430 Datasheet HTML 41Page - Texas Instruments MSP430 Datasheet HTML 42Page - Texas Instruments MSP430 Datasheet HTML 43Page - Texas Instruments MSP430 Datasheet HTML 44Page - Texas Instruments MSP430 Datasheet HTML 45Page - Texas Instruments MSP430 Datasheet HTML 46Page - Texas Instruments MSP430 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 96 page
background image
43
MSP430G2533, MSP430G2433, MSP430G2333, MSP430G2233
MSP430G2403, MSP430G2303, MSP430G2203
www.ti.com
SLAS734G – APRIL 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: MSP430G2533 MSP430G2433 MSP430G2333 MSP430G2233 MSP430G2403 MSP430G2303
MSP430G2203
Detailed Description
Copyright © 2011–2016, Texas Instruments Incorporated
6.9.2
Calibration Data Stored in Information Memory Segment A
Calibration data is stored for both the DCO and for ADC10 organized in a tag-length-value structure (see
Table 6-10 and Table 6-11).
Table 6-10. Tags Used by the ADC Calibration Tags
NAME
ADDRESS
VALUE
DESCRIPTION
TAG_DCO_30
0x10F6
0x01
DCO frequency calibration at VCC = 3 V and TA = 30°C
TAG_ADC10_1
0x10DA
0x10
ADC10_1 calibration tag
TAG_EMPTY
–
0xFE
Identifier for empty memory areas
Table 6-11. Labels Used by the ADC Calibration Tags
LABEL
ADDRESS
OFFSET
SIZE
CONDITION AT CALIBRATION
CAL_ADC_25T85
0x0010
word
INCHx = 1010b, REF2_5 = 1, TA = 85°C
CAL_ADC_25T30
0x000E
word
INCHx = 1010b, REF2_5 = 1, TA = 30°C
CAL_ADC_25VREF_FACTOR
0x000C
word
REF2_5 = 1, TA = 30°C, IVREF+ = 1 mA
CAL_ADC_15T85
0x000A
word
INCHx = 1010b, REF2_5 = 0, TA = 85°C
CAL_ADC_15T30
0x0008
word
INCHx = 1010b, REF2_5 = 0, TA = 30°C
CAL_ADC_15VREF_FACTOR
0x0006
word
REF2_5 = 0, TA = 30°C, IVREF+ = 0.5 mA
CAL_ADC_OFFSET
0x0004
word
External VREF = 1.5 V, fADC10CLK = 5 MHz
CAL_ADC_GAIN_FACTOR
0x0002
word
External VREF = 1.5 V, fADC10CLK = 5 MHz
CAL_BC1_1MHZ
0x0009
byte
–
CAL_DCO_1MHZ
0x0008
byte
–
CAL_BC1_8MHZ
0x0007
byte
–
CAL_DCO_8MHZ
0x0006
byte
–
CAL_BC1_12MHZ
0x0005
byte
–
CAL_DCO_12MHZ
0x0004
byte
–
CAL_BC1_16MHZ
0x0003
byte
–
CAL_DCO_16MHZ
0x0002
byte
–
6.9.3
Brownout
The brownout circuit is implemented to provide the proper internal reset signal to the device during power
on and power off.
6.9.4
Digital I/O
Up to three 8-bit I/O ports are implemented:
•
All individual I/O bits are independently programmable.
•
Any combination of input, output, and interrupt condition (port P1 and port P2 only) is possible.
•
Edge-selectable interrupt input capability for all bits of port P1 and port P2 (if available).
•
Read/write access to port-control registers is supported by all instructions.
•
Each I/O has an individually programmable pullup or pulldown resistor.
•
Each I/O has an individually programmable pin oscillator enable bit to enable low-cost capacitive touch
detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com