Electronic Components Datasheet Search
  English  ▼

X  

MSP430 Datasheet(PDF) 66 Page - Texas Instruments

Part # MSP430
Description  MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430 Datasheet(HTML) 66 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 62Page - Texas Instruments MSP430 Datasheet HTML 63Page - Texas Instruments MSP430 Datasheet HTML 64Page - Texas Instruments MSP430 Datasheet HTML 65Page - Texas Instruments MSP430 Datasheet HTML 66Page - Texas Instruments MSP430 Datasheet HTML 67Page - Texas Instruments MSP430 Datasheet HTML 68Page - Texas Instruments MSP430 Datasheet HTML 69Page - Texas Instruments MSP430 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 96 page
background image
66
MSP430G2533, MSP430G2433, MSP430G2333, MSP430G2233
MSP430G2403, MSP430G2303, MSP430G2203
SLAS734G – APRIL 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430G2533 MSP430G2433 MSP430G2333 MSP430G2233 MSP430G2403 MSP430G2303
MSP430G2203
Device and Documentation Support
Copyright © 2011–2016, Texas Instruments Incorporated
7.3
Tools and Software
All MSP microcontrollers are supported by a wide variety of software and hardware development tools.
Tools are available from TI and various third parties. See them all at MSP Tools.
Table 7-1 lists the debug features of these devices. See the Code Composer Studio for MSP430 User's
Guide (SLAU157) for details on the available features.
Table 7-1. Hardware Features
MSP430
ARCHITECTURE
4-WIRE
JTAG
2-WIRE
JTAG
BREAK-
POINTS
(N)
RANGE
BREAK-
POINTS
CLOCK
CONTROL
STATE
SEQUENCER
TRACE
BUFFER
LPMx.5
DEBUGGING
SUPPORT
MSP430
Yes
Yes
2
No
Yes
No
No
No
Design Kits and Evaluation Modules
28-Pin Target Development Board and MSP-FET USB Programmer Bundle for MSP430F2x and
MSP430G2x MCUs The MSP-FET430U28A kit includes all of the hardware and software
required to quickly begin application development on the MSP430 MCU. This kit includes a
ZIF socket target board (MSP-TS430PW28A) that accepts some MSP430 devices in 20- or
28-pin TSSOP packages (TI Package Code: PW). It is also bundled with a USB flash
emulation tool (MSP-FET) that interfaces the target board to a PC, allowing developers to
program and debug their MSP430 devices through in-system emulation through the JTAG
interface or the pin-saving Spy Bi-Wire (2-wire JTAG) protocol.
MSP430 LaunchPad™ Value Line Development Kit The MSP-EXP430G2 LaunchPad Development Kit
is an easy-to-use microcontroller development board for the low-power and low-cost
MSP430G2x MCUs. It has on-board emulation for programming and debugging and features
a 14- or 20-pin DIP socket, on-board buttons and LEDs and BoosterPack Plug-in Module
pinouts that support a wide range of modules for added functionality such as wireless,
displays, and more.
MSP430 Capacitive Touch BoosterPack™ Plug-in Module
The
Capacitive
Touch
BoosterPack
(430BOOST-SENSE1) is a plug-in module for MCU LaunchPad Development Kits. This
BoosterPack also includes a preprogrammed MSP430G2452IN20 Value Line device for the
MSP-EXP430G2 LaunchPad. Developers can use this BoosterPack as a solution for adding
capacitive touch differentiation in many applications such as consumer electronics, point of
sales machines, and other devices with a physical button.
Software
MSP430G2x53, MSP430G2x33, MSP430G2x13, MSP430G2x03 Code Examples C Code examples are
available for every MSP device that configures each of the integrated peripherals for various
application needs.
MSPWare™ Software MSPWare software is a collection of code examples, data sheets, and other
design resources for all MSP devices delivered in a convenient package. In addition to
providing a complete collection of existing MSP design resources, MSPWare software also
includes a high-level API called MSP Driver Library. This library makes it easy to program
MSP hardware. MSPWare software is available as a component of CCS or as a stand-alone
package.
MSP Driver Library Driver Library's abstracted API keeps you above the bits and bytes of the MSP430
hardware by providing easy-to-use function calls. Thorough documentation is delivered
through a helpful API Guide, which includes details on each function call and the recognized
parameters. Developers can use Driver Library functions to write complete projects with
minimal overhead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com