Electronic Components Datasheet Search
  English  ▼

X  

OPA2227P Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA2227P
Description  OPAx227, OPAx228 High-Precision, Low-Noise Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2227P Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA2227P Datasheet HTML 12Page - Texas Instruments OPA2227P Datasheet HTML 13Page - Texas Instruments OPA2227P Datasheet HTML 14Page - Texas Instruments OPA2227P Datasheet HTML 15Page - Texas Instruments OPA2227P Datasheet HTML 16Page - Texas Instruments OPA2227P Datasheet HTML 17Page - Texas Instruments OPA2227P Datasheet HTML 18Page - Texas Instruments OPA2227P Datasheet HTML 19Page - Texas Instruments OPA2227P Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
6.9 Typical Characteristics (continued)
At TA = 25°C, RL = 10 kΩ, and VS = ±15 V, unless otherwise noted.
1k
100
10
1
100k
10k
Load Capacitance (pF)
70
60
50
40
30
20
10
0
G = –100
G = +100
OPA228
G = ±10
Figure 6-31. Small-Signal Overshoot vs Load Capacitance
2μs/div
OPA228
G = –10,
CL = 100 pF
Figure 6-32. Large-Signal Step Response
500ns/div
OPA228
G = 10,
CL = 1000 pF
RL = 1.8 kΩ
Figure 6-33. Small-Signal Step Response
500ns/div
OPA228
G = 10,
CL = 1000 pF
RL = 1.8 kΩ
Figure 6-34. Small-Signal Step Response
Frequency (Hz)
10
20
30
40
50
60
70
80
100
1k
10k
100k
1M
Figure 6-35. Open-loop Output Impedance
OPA227, OPA2227, OPA4227
OPA228, OPA2228, OPA4228
SBOS110C – MAY 1998 – REVISED MARCH 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA227 OPA2227 OPA4227 OPA228 OPA2228 OPA4228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com