Electronic Components Datasheet Search
  English  ▼

X  

OPA2227P Datasheet(PDF) 26 Page - Texas Instruments

Part # OPA2227P
Description  OPAx227, OPAx228 High-Precision, Low-Noise Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2227P Datasheet(HTML) 26 Page - Texas Instruments

Back Button OPA2227P Datasheet HTML 22Page - Texas Instruments OPA2227P Datasheet HTML 23Page - Texas Instruments OPA2227P Datasheet HTML 24Page - Texas Instruments OPA2227P Datasheet HTML 25Page - Texas Instruments OPA2227P Datasheet HTML 26Page - Texas Instruments OPA2227P Datasheet HTML 27Page - Texas Instruments OPA2227P Datasheet HTML 28Page - Texas Instruments OPA2227P Datasheet HTML 29Page - Texas Instruments OPA2227P Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
Figure 8-2 and Figure 8-3 show the recommended circuit for gains of 2 and –2, respectively. The figures
suggest approximate values for CF. Because compensation highly depends on circuit design, board layout, and
load conditions, optimize CF experimentally for best results. Figure 8-4 and Figure 8-6 show the large- and
small-signal step responses for the G = 2 configuration with 100-pF load capacitance.Figure 8-5 and Figure 8-7
show the large- and small-signal step responses for the G = –2 configuration with 100-pF load capacitance.
2kΩ
OPA228
22pF
2kΩ
100pF
2kΩ
Figure 8-2. Compensation of the OPA228 for G = 2
1kΩ
2kΩ
15pF
OPA228
2kΩ
100pF
Figure 8-3. Compensation for OPA228 for G = –2
8.2.1.3 Application Curves
400ns/div
OPA228
Figure 8-4. Large-Signal Step Response, G = 2,
CLOAD = 100 pF, Input Signal = 5 Vp-p
400ns/div
OPA228
Figure 8-5. Large-Signal Step Response, G = –2,
CLOAD = 100 pF, Input Signal = 5 Vp-p
200ns/div
OPA228
Figure 8-6. Small-Signal Step Response, G = 2,
CLOAD = 100 pF, Input Signal = 50 mVp-p.
200ns/div
OPA228
Figure 8-7. Small-Signal Step Response, G = –2,
CLOAD = 100 pF, Input Signal = 50 mVp-p.
OPA227, OPA2227, OPA4227
OPA228, OPA2228, OPA4228
SBOS110C – MAY 1998 – REVISED MARCH 2023
www.ti.com
26
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA227 OPA2227 OPA4227 OPA228 OPA2228 OPA4228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com