Electronic Components Datasheet Search
  English  ▼

X  

OPA2227P Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA2227P
Description  OPAx227, OPAx228 High-Precision, Low-Noise Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2227P Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2227P Datasheet HTML 3Page - Texas Instruments OPA2227P Datasheet HTML 4Page - Texas Instruments OPA2227P Datasheet HTML 5Page - Texas Instruments OPA2227P Datasheet HTML 6Page - Texas Instruments OPA2227P Datasheet HTML 7Page - Texas Instruments OPA2227P Datasheet HTML 8Page - Texas Instruments OPA2227P Datasheet HTML 9Page - Texas Instruments OPA2227P Datasheet HTML 10Page - Texas Instruments OPA2227P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
6.7 Electrical Characteristics: OPAx227
at TA = +25°C, VS = ±5 V to ±15 V, VCM = VOUT = VS / 2, and RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
U, P grades
±5
±75
µV
TA = –40°C to +85°C
±100
UA, PA grades
±10
±200
TA = –40°C to +85°C
±200
dVOS/dT
Input offset voltage drift
U, P grades
TA = –40°C to +85°C
±0.1
±0.6
µV/°C
UA, PA grades
TA = –40°C to +85°C
±0.3
±2
PSRR
Power-supply rejection
ratio
VS = ±2.5 V to ±18 V
±0.5
±2
µV/V
TA = –40°C to +85°C
±2
Long-term drift
0.2
µV/mo
Channel separation (dual,
quad)
DC
0.2
µV/V
f = 1 kHz, RL = 5 kΩ
110
dB
INPUT BIAS CURRENT
IB
Input bias current
±2.5
±10
nA
TA = –40°C to +85°C
±10
IOS
Input offset current
±2.5
±10
nA
TA = –40°C to +85°C
±10
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
90
nVPP
15
nVRMS
en
Input voltage noise
density
f = 10 Hz
3.5
nV/√Hz
f = 100 Hz
3
f = 1 kHz
3
in
Input current noise
density
f = 1 kHz
0.4
pA/√Hz
INPUT VOLTAGE
VCM
Common-mode voltage
(V–) + 2
(V+) – 2
V
CMRR
Common-mode rejection
ratio
(V–) + 2 V < VCM < (V+) – 2 V
120
138
dB
TA = –40°C to +85°C
120
INPUT IMPEDANCE
Differential
10 || 12
MΩ || pF
Common-mode
VCM = (V–) + 2 V to (V+) – 2 V
1 || 3
GΩ || pF
www.ti.com
OPA227, OPA2227, OPA4227
OPA228, OPA2228, OPA4228
SBOS110C – MAY 1998 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA227 OPA2227 OPA4227 OPA228 OPA2228 OPA4228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com