Electronic Components Datasheet Search
  English  ▼

X  

OPA2227P Datasheet(PDF) 36 Page - Texas Instruments

Part # OPA2227P
Description  OPAx227, OPAx228 High-Precision, Low-Noise Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2227P Datasheet(HTML) 36 Page - Texas Instruments

Back Button OPA2227P Datasheet HTML 32Page - Texas Instruments OPA2227P Datasheet HTML 33Page - Texas Instruments OPA2227P Datasheet HTML 34Page - Texas Instruments OPA2227P Datasheet HTML 35Page - Texas Instruments OPA2227P Datasheet HTML 36Page - Texas Instruments OPA2227P Datasheet HTML 37Page - Texas Instruments OPA2227P Datasheet HTML 38Page - Texas Instruments OPA2227P Datasheet HTML 39Page - Texas Instruments OPA2227P Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Oct-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
OPA228U
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
Call TI | Nipdau
Level-3-260C-168 HR
-55 to 125
OPA
228U
OPA228U.B
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
Call TI
Level-3-260C-168 HR
-55 to 125
OPA
228U
OPA228U1G4
Active
Production
SOIC (D) | 8
75 | TUBE
-
Call TI
Call TI
-55 to 125
OPA
228U
OPA228UA
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
Call TI | Nipdau
Level-3-260C-168 HR
-55 to 125
OPA
228U
A
OPA228UA.B
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
Call TI
Level-3-260C-168 HR
-55 to 125
OPA
228U
A
OPA228UA/2K5
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
Call TI | Nipdau
Level-3-260C-168 HR
-55 to 125
OPA
228U
A
OPA228UA/2K5.B
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
Call TI
Level-3-260C-168 HR
-55 to 125
OPA
228U
A
OPA4227PA
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 85
OPA4227PA
OPA4227PA.A
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 85
OPA4227PA
OPA4227PAG4
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 85
OPA4227PA
OPA4227UA
Active
Production
SOIC (D) | 14
50 | TUBE
Yes
NIPDAU | NIPDAUAG Level-3-260C-168 HR
-40 to 85
OPA4227UA
OPA4227UA.B
Active
Production
SOIC (D) | 14
50 | TUBE
-
Call TI
Call TI
-40 to 85
OPA4227UA/2K5
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU | NIPDAUAG Level-3-260C-168 HR
-40 to 85
OPA4227UA
OPA4227UA/2K5.B
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
-
Call TI
Call TI
-40 to 85
OPA4228PA
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-55 to 125
OPA4228PA
OPA4228PA.A
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-55 to 125
OPA4228PA
OPA4228UA
Active
Production
SOIC (D) | 14
50 | TUBE
Yes
NIPDAUAG
Level-3-260C-168 HR
-55 to 125
OPA4228UA
OPA4228UA.A
Active
Production
SOIC (D) | 14
50 | TUBE
Yes
NIPDAUAG
Level-3-260C-168 HR
-55 to 125
OPA4228UA
OPA4228UA/2K5
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAUAG
Level-3-260C-168 HR
-55 to 125
OPA4228UA
OPA4228UA/2K5.A
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAUAG
Level-3-260C-168 HR
-55 to 125
OPA4228UA
(1) Status: For more details on status, see our product life cycle.
Addendum-Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com