Electronic Components Datasheet Search
  English  ▼

X  

OPA2227P Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA2227P
Description  OPAx227, OPAx228 High-Precision, Low-Noise Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2227P Datasheet(HTML) 3 Page - Texas Instruments

  OPA2227P Datasheet HTML 1Page - Texas Instruments OPA2227P Datasheet HTML 2Page - Texas Instruments OPA2227P Datasheet HTML 3Page - Texas Instruments OPA2227P Datasheet HTML 4Page - Texas Instruments OPA2227P Datasheet HTML 5Page - Texas Instruments OPA2227P Datasheet HTML 6Page - Texas Instruments OPA2227P Datasheet HTML 7Page - Texas Instruments OPA2227P Datasheet HTML 8Page - Texas Instruments OPA2227P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
5 Pin Configuration and Functions
1
2
3
4
8
7
6
5
Trim
V+
Output
NC
Trim
–In
+In
V–
DIP-8, SO-8
NC = Not Connected
Figure 5-1. OPA227, OPA228: D (8-Pin SOIC) or P (8-Pin PDIP) Package (Top View)
Table 5-1. Pin Functions: OPA227 and OPA228
PIN
TYPE
DESCRIPTION
NO.
NAME
1
Offset Trim
Input
Input offset voltage trim (leave floating if not used)
2
-In
Input
Inverting input
3
+In
Input
Noninverting input
4
V-
—
Negative (lowest) power supply
5
NC
—
No internal connection (can be left floating)
6
Output
Output
Output
7
V+
—
Positive (highest) power supply
8
Trim
—
Input offset voltage trim (leave floating if not used)
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
DIP-8, SO-8
A
B
Figure 5-2. OPA2227, OPA2228: D (8-Pin SOIC) or P (8-Pin PDIP) Package (Top View)
Table 5-2. Pin Functions: OPA2227 and OPA2228
PIN
TYPE
DESCRIPTION
NO.
NAME
1
Out A
Output
Output channel A
2
–In A
Input
Inverting input channel A
3
+In A
Input
Noninverting input channel A
4
V-
—
Negative (lowest) power supply
5
+In B
Input
Noninverting input channel B
6
–In B
Input
Inverting input channel B
7
Out B
Output
Output channel B
8
V+
—
Positive (highest) power supply
www.ti.com
OPA227, OPA2227, OPA4227
OPA228, OPA2228, OPA4228
SBOS110C – MAY 1998 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA227 OPA2227 OPA4227 OPA228 OPA2228 OPA4228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com