Electronic Components Datasheet Search
  English  ▼

X  

OPA2227P Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA2227P
Description  OPAx227, OPAx228 High-Precision, Low-Noise Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2227P Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2227P Datasheet HTML 6Page - Texas Instruments OPA2227P Datasheet HTML 7Page - Texas Instruments OPA2227P Datasheet HTML 8Page - Texas Instruments OPA2227P Datasheet HTML 9Page - Texas Instruments OPA2227P Datasheet HTML 10Page - Texas Instruments OPA2227P Datasheet HTML 11Page - Texas Instruments OPA2227P Datasheet HTML 12Page - Texas Instruments OPA2227P Datasheet HTML 13Page - Texas Instruments OPA2227P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
6.8 Electrical Characteristics: OPAx228 (continued)
at TA = +25°C, VS = ±5 V to ±15 V, VCM = VOUT = VS / 2, and RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 2 V < VO < (V+) – 2 V
132
160
dB
TA = –40°C to +85°C
132
(V–) + 3.5 V < VO < (V+) – 3.5 V,
RL = 600 Ω
132
160
TA = –40°C to +85°C
132
FREQUENCY RESPONSE
Minimum closed-loop
gain
5
V/V
GBW
Unity gain bandwidth
33
MHz
SR
Slew rate
11
V/µs
Settling time
G = 1, 10-V step, CL = 100 pF
To 0.1%
1.5
µs
To 0.01%
2
Overload recovery time
VIN × G = VS
0.6
µs
THD+N
Total harmonic distortion
+ noise
G = 1, f = 1 kHz, VO = 3.5 VRMS
0.00005
%
OUTPUT
Voltage output
TA = –40°C to +85°C
(V–) + 2
(V+) + 2
V
RL = 600 Ω
(V–) + 3.5
(V+) + 3.5
ISC
Short-circuit current
±45
mA
CLOAD
Capacitive load drive
See Typical Characteristics
ZO
Open-loop output
impedance
f = 1 MHz
27
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
IO = 0 A
±3.7
±3.8
mA
TA = –40°C to +85°C
±4.2
OPA227, OPA2227, OPA4227
OPA228, OPA2228, OPA4228
SBOS110C – MAY 1998 – REVISED MARCH 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA227 OPA2227 OPA4227 OPA228 OPA2228 OPA4228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com