Electronic Components Datasheet Search
  English  ▼

X  

OPA2227P Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA2227P
Description  OPAx227, OPAx228 High-Precision, Low-Noise Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2227P Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA2227P Datasheet HTML 9Page - Texas Instruments OPA2227P Datasheet HTML 10Page - Texas Instruments OPA2227P Datasheet HTML 11Page - Texas Instruments OPA2227P Datasheet HTML 12Page - Texas Instruments OPA2227P Datasheet HTML 13Page - Texas Instruments OPA2227P Datasheet HTML 14Page - Texas Instruments OPA2227P Datasheet HTML 15Page - Texas Instruments OPA2227P Datasheet HTML 16Page - Texas Instruments OPA2227P Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
6.9 Typical Characteristics (continued)
At TA = 25°C, RL = 10 kΩ, and VS = ±15 V, unless otherwise noted.
–75
–50
–25
0
25
50
75
100
125
160
150
140
130
120
110
100
90
80
70
60
Temperature ( °C)
CMRR
PSRR
A
OL
OPA227
Figure 6-13. AOL, CMRR, PSRR vs Temperature
–75
–50
–25
0
25
50
75
100
125
160
150
140
130
120
110
100
90
80
70
60
Temperature ( °C)
CMRR
PSRR
A
OL
OPA228
Figure 6-14. AOL, CMRR, PSRR vs Temperature
–60
–40 –20
0
20
40
60
80
100
120 140
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Temperature ( °C)
Figure 6-15. Input Bias Current vs Temperature
–75
–50
–25
0
25
50
75
100
125
60
50
40
30
20
10
0
Temperature ( C)
°
+I
SC
–I
SC
Figure 6-16. Short-Circuit Current vs Temperature
100
120 140
Temperature ( °C)
–60
–40
–20
0
20
40
60
80
5.0
4.5
4.0
3.5
3.0
2.5
±10V
±5V
± 2.5V
±18V
±15V
±12V
Figure 6-17. Quiescent Current vs Temperature
20
Supply Voltage (±V)
0
2
4
6
8
10
12
14
16
18
3.8
3.6
3.4
3.2
3.0
2.8
Figure 6-18. Quiescent Current vs Supply Voltage
www.ti.com
OPA227, OPA2227, OPA4227
OPA228, OPA2228, OPA4228
SBOS110C – MAY 1998 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA227 OPA2227 OPA4227 OPA228 OPA2228 OPA4228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com