Electronic Components Datasheet Search
  English  ▼

X  

OPA2277P Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA2277P
Description  OPAx277 High-Precision Operational Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2277P Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA2277P Datasheet HTML 12Page - Texas Instruments OPA2277P Datasheet HTML 13Page - Texas Instruments OPA2277P Datasheet HTML 14Page - Texas Instruments OPA2277P Datasheet HTML 15Page - Texas Instruments OPA2277P Datasheet HTML 16Page - Texas Instruments OPA2277P Datasheet HTML 17Page - Texas Instruments OPA2277P Datasheet HTML 18Page - Texas Instruments OPA2277P Datasheet HTML 19Page - Texas Instruments OPA2277P Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
7.3.5 EMI Rejection Ratio (EMIRR)
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of operational
amplifiers. An adverse effect that is common to many operational amplifiers is a change in the offset voltage as a
result of RF signal rectification. An operational amplifier that is more efficient at rejecting this change in offset as
a result of EMI has a higher EMIRR and is quantified by a decibel value. Measuring EMIRR can be performed in
many ways, but this report provides the EMIRR IN+, which specifically describes the EMIRR performance when
the RF signal is applied to the noninverting input pin of the operational amplifier. In general, only the noninverting
input is tested for EMIRR for the following three reasons:
1. Operational amplifier input pins are known to be the most sensitive to EMI, and typically rectify RF signals
better than the supply or output pins.
2. The noninverting and inverting operational amplifier inputs have symmetrical physical layouts and exhibit
nearly matching EMIRR performance.
3. EMIRR is easier to measure on noninverting pins than on other pins because the noninverting input terminal
can be isolated on a printed circuit board (PCB). This isolation allows the RF signal to be applied directly
to the noninverting input terminal with no complex interactions from other components or connecting PCB
traces.
A more formal discussion of the EMIRR IN+ definition and test method is provided in the EMI Rejection Ratio of
Operational Amplifiers application note, available for download at www.ti.com. Figure 7-4 shows the EMIRR IN+
of the OPA277 plotted versus frequency.
Frequency (MHz)
0
20
40
60
80
100
120
10
100
1k
10k
PRF = -10 dbm
VS = r2.5 V
VCM = 0 V
Figure 7-4. OPA277 EMIRR IN+ vs Frequency
If available, any dual and quad operational amplifier device versions have nearly similar EMIRR IN+
performance. The OPA277 unity-gain bandwidth is 1 MHz. EMIRR performance below this frequency denotes
interfering signals that fall within the operational amplifier bandwidth.
OPA277, OPA2277, OPA4277
SBOS079C – MARCH 1999 – REVISED FEBRUARY 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA277 OPA2277 OPA4277



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com