Electronic Components Datasheet Search
  English  ▼

X  

OPA2277P Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA2277P
Description  OPAx277 High-Precision Operational Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2277P Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA2277P Datasheet HTML 9Page - Texas Instruments OPA2277P Datasheet HTML 10Page - Texas Instruments OPA2277P Datasheet HTML 11Page - Texas Instruments OPA2277P Datasheet HTML 12Page - Texas Instruments OPA2277P Datasheet HTML 13Page - Texas Instruments OPA2277P Datasheet HTML 14Page - Texas Instruments OPA2277P Datasheet HTML 15Page - Texas Instruments OPA2277P Datasheet HTML 16Page - Texas Instruments OPA2277P Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
6.8 Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, and RL = 2 kΩ, unless otherwise noted.
1k
100
10
10k
100k
Load Capacitance (pF)
60
50
40
30
20
10
0
Gain = –1
Gain = +1
Gain = ±10
Figure 6-19. Small-Signal Overshoot vs Load Capacitance
10µs/div
G = 1, CL = 1500 pF, VS = ±15 V
Figure 6-20. Large-Signal Step Response
1µs/div
G = 1, CL = 0, VS = ±15 V
Figure 6-21. Small-Signal Step Response
1µs/div
G = 1, CL = 1500 pF, VS = ±15 V
Figure 6-22. Small-Signal Step Response
Frequency (Hz)
1
2
3
5
7
10
20
30
50
70
100
1k
10k
100k
1M
VS = ±15 V
Figure 6-23. Open-Loop Output Impedance
www.ti.com
OPA277, OPA2277, OPA4277
SBOS079C – MARCH 1999 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA277 OPA2277 OPA4277



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com