Electronic Components Datasheet Search
  English  ▼

X  

OPA2277P Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA2277P
Description  OPAx277 High-Precision Operational Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2277P Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2277P Datasheet HTML 5Page - Texas Instruments OPA2277P Datasheet HTML 6Page - Texas Instruments OPA2277P Datasheet HTML 7Page - Texas Instruments OPA2277P Datasheet HTML 8Page - Texas Instruments OPA2277P Datasheet HTML 9Page - Texas Instruments OPA2277P Datasheet HTML 10Page - Texas Instruments OPA2277P Datasheet HTML 11Page - Texas Instruments OPA2277P Datasheet HTML 12Page - Texas Instruments OPA2277P Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
6.7 Electrical Characteristics (continued)
at TA = 25°C, VS = 10 V to 30 V, VCM = VOUT = VS / 2, and RL = 2 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VO = (V–) + 0.5 V to (V+) – 1.2 V,
RL = 10 kΩ
140
dB
VO = (V–) + 1.5 V to (V+) – 1.5 V,
RL = 2 kΩ
126
134
TA = –40°C to +85°C
126
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
1
MHz
SR
Slew rate
0.8
V/µs
ts
Settling time
VS = ±15 V, G = 1, 10-V step
To 0.1%
14
µs
To 0.01%
16
tOR
Overload recovery time
VIN × G = VS
3
µs
THD+N
Total harmonic distortion
+ noise
G = 1, f = 1 kHz, VO = 3.5 VRMS
0.002%
OUTPUT
VO
Voltage output
RL = 10 kΩ
(V–) + 0.5
(V+) – 1.2
V
TA = –40°C to +85°C
(V–) + 0.5
(V+) – 1.2
RL = 2 kΩ
(V–) + 1.5
(V+) – 1.5
TA = –40°C to +85°C
(V–) + 1.5
(V+) – 1.5
ISC
Short-circuit current
±35
mA
CL
Capacitive load drive
See Typical Characteristics
ZO
Open-loop output
impedance
f = 1 MHz
40
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
IO = 0 A
±790
±825
µA
TA = –40°C to +85°C
±900
www.ti.com
OPA277, OPA2277, OPA4277
SBOS079C – MARCH 1999 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA277 OPA2277 OPA4277



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com