Electronic Components Datasheet Search
  English  ▼

X  

OPA2277P Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA2277P
Description  OPAx277 High-Precision Operational Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2277P Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA2277P Datasheet HTML 17Page - Texas Instruments OPA2277P Datasheet HTML 18Page - Texas Instruments OPA2277P Datasheet HTML 19Page - Texas Instruments OPA2277P Datasheet HTML 20Page - Texas Instruments OPA2277P Datasheet HTML 21Page - Texas Instruments OPA2277P Datasheet HTML 22Page - Texas Instruments OPA2277P Datasheet HTML 23Page - Texas Instruments OPA2277P Datasheet HTML 24Page - Texas Instruments OPA2277P Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
8.4 Layout
8.4.1 Layout Guidelines
For best operational performance of the device, use good PCB layout practices, including:
• Noise can propagate into analog circuitry through the power pins of the circuit as a whole and operational
amplifier itself. Bypass capacitors are used to reduce the coupled noise by providing low-impedance power
sources local to the analog circuitry.
– Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as
close to the device as possible. A single bypass capacitor from V+ to ground is applicable for single-
supply applications.
• Separate grounding for analog and digital portions of circuitry is one of the simplest and most-effective
methods of noise suppression. One or more layers on multilayer PCBs are usually devoted to ground planes.
A ground plane helps distribute heat and reduces EMI noise pickup. Make sure to physically separate digital
and analog grounds paying attention to the flow of the ground current.
• To reduce parasitic coupling, run the input traces as far away from the supply or output traces as possible. If
these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better as opposed
to in parallel with the noisy trace.
• Place the external components as close to the device as possible. As shown in Section 8.4.2, keeping RF
and RG close to the inverting input minimizes parasitic capacitance.
• Keep the length of input traces as short as possible. Always remember that the input traces are the most
sensitive part of the circuit.
• Consider a driven, low-impedance guard ring around the critical traces. A guard ring can significantly reduce
leakage currents from nearby traces that are at different potentials.
• Cleaning the PCB following board assembly is recommended for best performance.
• Any precision integrated circuit can experience performance shifts due to moisture ingress into the plastic
package. Following any aqueous PCB cleaning process, baking the PCB assembly is recommended to
remove moisture introduced into the device packaging during the cleaning process. A low temperature, post
cleaning bake at 85°C for 30 minutes is sufficient for most circumstances.
• DRM package (8-pin VSON) only: Solder the leadframe die pad to a thermal pad on the PCB. The
mechanical drawings located at the end of this data sheet list the physical dimensions for the package
and pad.
• DRM package (8-pin VSON) only: Soldering the exposed pad significantly improves board-level reliability
during temperature cycling, key push, package shear, and similar board-level tests. Even with applications
that have low-power dissipation, the exposed pad must be soldered to the PCB to provide structural integrity
and long term reliability.
8.4.1.1 DRM Package (8-Pin VSON)
The OPAx277 series uses the DRM package (also known as an 8-pin VSON), a leadless package with contacts
on only two sides of the package bottom. This near-chip-scale package maximizes board space and enhances
thermal and electrical characteristics through an exposed pad.
DRM packages are physically small, have a smaller routing area, improved thermal performance, and improved
electrical parasitics, with a pinout scheme that is consistent with other commonly-used packages, such as SOIC
and VSSOP. Additionally, the absence of external leads eliminates bent-lead issues.
The DRM package can be easily mounted using standard printed-circuit-board (PCB) assembly techniques. See
the QFN/SON PCB Attachment and Quad Flatpack No-Lead Logic Packages application notes, both available
for download at www.ti.com.
The exposed leadframe die pad on the bottom of the package must be connected to V–.
www.ti.com
OPA277, OPA2277, OPA4277
SBOS079C – MARCH 1999 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA277 OPA2277 OPA4277



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com