Electronic Components Datasheet Search
  English  ▼

X  

OPA2277P Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA2277P
Description  OPAx277 High-Precision Operational Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2277P Datasheet(HTML) 3 Page - Texas Instruments

  OPA2277P Datasheet HTML 1Page - Texas Instruments OPA2277P Datasheet HTML 2Page - Texas Instruments OPA2277P Datasheet HTML 3Page - Texas Instruments OPA2277P Datasheet HTML 4Page - Texas Instruments OPA2277P Datasheet HTML 5Page - Texas Instruments OPA2277P Datasheet HTML 6Page - Texas Instruments OPA2277P Datasheet HTML 7Page - Texas Instruments OPA2277P Datasheet HTML 8Page - Texas Instruments OPA2277P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
5 Pin Configuration and Functions
1
2
3
4
8
7
6
5
Offset Trim
V+
Output
NC(1)
Offset Trim
–In
+In
V–
Figure 5-1. OPA277 P Package, 8-Pin PDIP and
D Package, 8-Pin SOIC (Top View)
1
2
3
4
Offset Trim
−In
+In
V−
8
7
6
5
Offset Trim
Pin 1
Indicator
V+
Output
Thermal Pad
on Bottom
(Connect to V−)
NC
Figure 5-2. OPA277 DRM Package, 8-Pin VSON
(Top View)
Table 5-1. Pin Functions: OPA277
PIN
TYPE
DESCRIPTION
NAME
NO.
–In
2
Input
Inverting input
+In
3
Input
Noninverting input
NC
5
—
No internal connection (can be left floating)
Offset Trim
1
—
Input offset voltage trim (leave floating if not used)
Offset Trim
8
—
Input offset voltage trim (leave floating if not used)
Output
6
Output
Output
V–
4
—
Negative (lowest) power supply
V+
7
—
Positive (highest) power supply
www.ti.com
OPA277, OPA2277, OPA4277
SBOS079C – MARCH 1999 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA277 OPA2277 OPA4277



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com