Electronic Components Datasheet Search
  English  ▼

X  

OPA2277P Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA2277P
Description  OPAx277 High-Precision Operational Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2277P Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2277P Datasheet HTML 6Page - Texas Instruments OPA2277P Datasheet HTML 7Page - Texas Instruments OPA2277P Datasheet HTML 8Page - Texas Instruments OPA2277P Datasheet HTML 9Page - Texas Instruments OPA2277P Datasheet HTML 10Page - Texas Instruments OPA2277P Datasheet HTML 11Page - Texas Instruments OPA2277P Datasheet HTML 12Page - Texas Instruments OPA2277P Datasheet HTML 13Page - Texas Instruments OPA2277P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
6.8 Typical Characteristics
At TA = 25°C, VS = ±15 V, and RL = 2 kΩ, unless otherwise noted.
0.1
1
10
100
1k
10k
100k
1M
10M
140
120
100
80
60
40
20
0
–20
0
–30
–60
–90
–120
–150
–180
Frequency (Hz)
G
φ
C
L = 0
C
L = 1500pF
Figure 6-1. Open-Loop Gain and Phase vs Frequency
0.1
1
10
100
1k
10k
100k
1M
140
120
100
80
60
40
20
0
Frequency (Hz)
+PSR
CMR
–PSR
Figure 6-2. Power Supply and Common-Mode Rejection vs
Frequency
0.1
1000
100
10
1
Frequency (Hz)
INPUT NOISE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
Current Noise
Voltage Noise
1
10
100
1k
Figure 6-3. Input Noise and Current Noise Spectral Density vs
Frequency
1s/div
Noise signal is bandwidth limited to
lie between 0.1Hz and 10Hz.
Figure 6-4. Input Noise Voltage vs Time
10
100
1k
10k
100k
Frequency (Hz)
1M
140
120
100
80
60
40
Dual and quad devices. G = 1,
all channels. Quad measured
channel A to D or B to C —other
combinations yield similar or
improved rejection.
Figure 6-5. Channel Separation vs Frequency
10
100
1k
10k
100k
1
0.1
0.01
0.001
Frequency (Hz)
V
OUT = 3.5Vrms
G = 10, R
L = 2kΩ, 10kΩ
G = 1, R
L = 2kΩ, 10kΩ
Figure 6-6. Total Harmonic Distortion + Noise vs Frequency
OPA277, OPA2277, OPA4277
SBOS079C – MARCH 1999 – REVISED FEBRUARY 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA277 OPA2277 OPA4277



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com