Electronic Components Datasheet Search
  English  ▼

X  

OPA2277P Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA2277P
Description  OPAx277 High-Precision Operational Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2277P Datasheet(HTML) 1 Page - Texas Instruments

  OPA2277P Datasheet HTML 1Page - Texas Instruments OPA2277P Datasheet HTML 2Page - Texas Instruments OPA2277P Datasheet HTML 3Page - Texas Instruments OPA2277P Datasheet HTML 4Page - Texas Instruments OPA2277P Datasheet HTML 5Page - Texas Instruments OPA2277P Datasheet HTML 6Page - Texas Instruments OPA2277P Datasheet HTML 7Page - Texas Instruments OPA2277P Datasheet HTML 8Page - Texas Instruments OPA2277P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
OPAx277 High-Precision Operational Amplifiers
1 Features
• Ultra-low offset voltage: 10 μV
• Ultra-low drift: ±0.1 μV/°C
• High open-loop gain: 134 dB
• High common-mode rejection: 140 dB
• High power-supply rejection: 130 dB
• Low bias current: 1-nA maximum
• Wide supply range: ±2 V to ±18 V
• Low quiescent current: 800 μA/amplifier
• Single, dual, and quad versions
• Replaces OP-07, OP-77, and OP-177
• For similar performance with ±40-V overvoltage
protection, see the OPA2206
2 Applications
• Analog input module
• Weigh scale
• Temperature transmitter
• Pressure transmitter
• Data acquisition (DAQ)
• Lab and field instrumentation
• Battery test
1s/div
Noise signal is bandwidth limited to
lie between 0.1Hz and 10Hz.
0.1-Hz to 10-Hz Noise
3 Description
The
OPAx277
series
of
precision
operational
amplifiers replace the industry standard OP-177. The
OPAx277 devices offer improved noise, wider output
voltage swing, and are twice as fast with half the
quiescent current. Features include ultra-low offset
voltage and drift, low bias current, high common-
mode rejection, and high power supply rejection.
The OPAx277 operate from ±2-V to ±18-V supplies
with excellent performance. Unlike most op amps that
are specified at only one supply voltage, the OPAx277
series is specified for real-world applications; a single
limit applies over the ±5-V (10-V) to ±15-V (30-V)
supply range. High performance is maintained as the
amplifiers swing to the specified limits. Because the
initial offset voltage (±20 μV, maximum) is so low,
user adjustment is usually not required. However, the
single version (OPA277) provides external trim pins
for special applications.
The OPAx277 are easy to use and free from phase
inversion and the overload problems found in some
other op amps. These devices are unity-gain stable
and provide excellent dynamic behavior over a wide
range of load conditions. Dual and quad versions
feature completely independent circuitry for lowest
crosstalk and freedom from interaction, even when
overdriven or overloaded.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
OPA277,
OPA2277
D (SOIC, 8)
3.91 mm × 4.90 mm
DRM (VSON, 8)
4.00 mm × 4.00 mm
P (PDIP, 8)
6.35 mm × 9.81 mm
OPA4277
D (SOIC, 14)
3.91 mm × 8.65 mm
P (PDIP, 14)
6.35 mm × 19.30 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
OPA277, OPA2277, OPA4277
SBOS079C – MARCH 1999 – REVISED FEBRUARY 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA2277P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2277P BURR-BROWN-OPA2277P Datasheet
921Kb / 25P
High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2277P TI1-OPA2277P Datasheet
1Mb / 27P
High Precision OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2277PA BURR-BROWN-OPA2277PA Datasheet
921Kb / 25P
High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2277PA TI1-OPA2277PA Datasheet
1Mb / 27P
High Precision OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2277PAG4 BURR-BROWN-OPA2277PAG4 Datasheet
921Kb / 25P
High Precision OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2277P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
PRECISION OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277 Datasheet
346Kb / 9P
High Precision OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
Precision Operational Amplifiers
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
PRECISION OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277U TI-OPA277U Datasheet
1Mb / 26P
High Precision OPERATIONAL AMPLIFIERS
OPA277UA2K5 TI1-OPA277UA2K5 Datasheet
1Mb / 27P
High Precision OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com