Electronic Components Datasheet Search
  English  ▼

X  

OPA593 Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA593
Description  OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA593 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA593 Datasheet HTML 18Page - Texas Instruments OPA593 Datasheet HTML 19Page - Texas Instruments OPA593 Datasheet HTML 20Page - Texas Instruments OPA593 Datasheet HTML 21Page - Texas Instruments OPA593 Datasheet HTML 22Page - Texas Instruments OPA593 Datasheet HTML 23Page - Texas Instruments OPA593 Datasheet HTML 24Page - Texas Instruments OPA593 Datasheet HTML 25Page - Texas Instruments OPA593 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
While the current limit tolerance of the OPA593 is specified for specific current limit levels, any resistor, SMU,
or DAC inaccuracies add to the listed tolerance. To achieve the desired system level accuracy, take care when
selecting these external components. Figure 7-2 shows a correlation between the ideal or calculated output
current limit and the actual current limit as measured on the OPA593.
Current Limit Resistor, RCL (k )
0
50
100 150 200 250 300 350 400 450 500 550
-260
-220
-180
-140
-100
-60
-20
20
60
100
140
180
220
260
Figure 7-2. Typical Output Current vs Current-Limit Resistor Value
7.3.2 Overcurrent Flag
The OPA593 features an overcurrent flag (Current Flag pin) that indicates a condition where the output current
exceeds the limit established by the ILIMIT pin. For example, in an output short-to-ground fault condition, the
overcurrent flag asserts, which pulls the flag pin low to E/D Com, and the output current is limited to the value
set by ILIMIT. This flag is an open-drain output compatible with standard low-voltage logic circuitry, such as a
microcontroller (MCU). Use a 5
‑kΩ to 10‑kΩ pullup resistor to limit the input current when the flag is asserted. If
this feature is not used, leave this pin floating.
7.3.3 Overtemperature Flag
The OPA593 has internal thermal protection. When the junction temperature reaches approximately 170°C, the
op amp output stage disables and the overtemperature flag (Thermal Flag pin) is asserted, which pulls the
flag pin low to E/D Com. When the junction temperature cools to a safe operating temperature, approximately
150°C, the output stage is enabled, and the op amp resumes normal operation. This flag is an open-drain output
compatible with standard low-voltage logic circuitry, such as an MCU. Use a 5
‑kΩ to 10‑kΩ pullup resistor to limit
the input current when the flag is asserted. If this feature is not used, leave this pin floating.
OPA593
SBOS659C – JANUARY 2022 – REVISED DECEMBER 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA593



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com