Electronic Components Datasheet Search
  English  ▼

X  

OPA593 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA593
Description  OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA593 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA593 Datasheet HTML 7Page - Texas Instruments OPA593 Datasheet HTML 8Page - Texas Instruments OPA593 Datasheet HTML 9Page - Texas Instruments OPA593 Datasheet HTML 10Page - Texas Instruments OPA593 Datasheet HTML 11Page - Texas Instruments OPA593 Datasheet HTML 12Page - Texas Instruments OPA593 Datasheet HTML 13Page - Texas Instruments OPA593 Datasheet HTML 14Page - Texas Instruments OPA593 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) − (V−) = 85 V, ILIMIT = 100 mA, VCM = VOUT = VS/2, and RL = 10 kΩ connected to VS/2 (unless
otherwise noted)
Output Current (mA)
0
50
100
150
200
250
300
-1
0
1
2
3
4
TA = -40°C
TA = 25°C
TA = 85°C
TA = 125°C
VS = 8 V, ILIMIT = 250 mA
Figure 6-25. Output Voltage vs Output Sourcing Current
Output Current (mA)
0
50
100
150
200
250
300 325
-4
-3
-2
-1
0
1
TA = -40°C
TA = 25°C
TA = 85°C
TA = 125°C
VS = 8 V, ILIMIT = 250 mA
Figure 6-26. Output Voltage vs Output Sinking Current
Output Current (mA)
0
50
100
150
200
250
300
19
20
21
22
23
24
TA = -40°C
TA = 25°C
TA = 85°C
TA = 125°C
VS = 48 V, ILIMIT = 250 mA
Figure 6-27. Output Voltage vs Output Sourcing Current
Output Current (mA)
0
50
100
150
200
250
300 325
-24
-23
-22
-21
-20
-19
TA = -40°C
TA = 25°C
TA = 85°C
TA = 125°C
VS = 48 V, ILIMIT = 250 mA
Figure 6-28. Output Voltage vs Output Sinking Current
Output Current (mA)
0
50
100
150
200
250
300 325
37
38
39
40
41
42
43
TA = -40°C
TA = 25°C
TA = 85°C
TA = 125°C
VS = 85 V, ILIMIT = 250 mA
Figure 6-29. Output Voltage vs Output Sourcing Current
Output Current (mA)
0
50
100
150
200
250
300 325
-42.5
-41.5
-40.5
-39.5
-38.5
-37.5
TA = -40°C
TA = 25°C
TA = 85°C
TA = 125°C
VS = 85 V, ILIMIT = 250 mA
Figure 6-30. Output Voltage vs Output Sinking Current
www.ti.com
OPA593
SBOS659C – JANUARY 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA593



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com