Electronic Components Datasheet Search
  English  ▼

X  

OPA593 Datasheet(PDF) 29 Page - Texas Instruments

Part # OPA593
Description  OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA593 Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPA593 Datasheet HTML 25Page - Texas Instruments OPA593 Datasheet HTML 26Page - Texas Instruments OPA593 Datasheet HTML 27Page - Texas Instruments OPA593 Datasheet HTML 28Page - Texas Instruments OPA593 Datasheet HTML 29Page - Texas Instruments OPA593 Datasheet HTML 30Page - Texas Instruments OPA593 Datasheet HTML 31Page - Texas Instruments OPA593 Datasheet HTML 32Page - Texas Instruments OPA593 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
8.4.1.1 Thermal Considerations
Through normal operation, the OPA593 self-heats. Self-heating is a natural increase in the die junction
temperature that occurs in every amplifier. The maximum allowed junction temperature sets the maximum
allowed internal power dissipation (PD) as described in the following paragraph. Design efforts should be made
to prevent TJ from exceedeing the maximum temperature listed in the Absolute Maximum Ratings table.
Operating junction temperature (TJ) is determined by the ambient temperature (TA), the internal PD under the
operating conditions, and the junction-to-ambient thermal resistance (RθJA). This relationship is given by TA +
(PD × RθJA). PD is the sum of quiescent power (PDQ) and additional power dissipated in the output stage (PDL)
when delivering power to the load. PDQ is the specified no-load supply current times the total supply voltage
across the part. PDL depends on the required output signal and load, but for a grounded resistive load the PDL
is at a maximum when the output is fixed at a voltage equal to 1/2 of either supply voltage (for balanced bipolar
supplies, V+ and V−). Under this condition PDL = (V+)2 / (4 × RL), where RL includes feedback network loading.
The power in the output stage and not into the load determines internal power dissipation.
As a worst-case example, compute the maximum TJ using the OPA593 in the circuit of Figure 8-1 operating at a
maximum specified temperature of 125°C and driving a grounded 600-Ω load.
PD = PDQ + PDL
(4)
PD= 50 V×4 mA + 22.52 V 
4 × 600 Ω   11.47 kΩ
(5)
TJmax = 125°C + 0.422 W × 40.8°C/W = 142.2°C
(6)
To enhance semiconductor long-term operating life, minimize TJ. Take proper measures to provide maximum
heat removal through both heat conduction and radiation to help keep TJ to the lowest possible level. These
proper measures include maximizing the PCB copper area to which the package thermal pad is soldered. The
copper area serves as the traditional heat sink. The top layer copper is often easiest to route and is most often
exposed to open air. PCB internal planes and the exposed bottom plane can also be used as heat sinks, but the
connections are made with vias having higher thermal resistance. The OPA593EVM uses a board design that
provides a highly effective thermal layout. The board design encompasses a large top-side copper area, and has
heat conduction paths to other planes on the board. Additionally, other higher power-dissipating components are
kept physically distant from the OPA593 to better accommodate heat removal by radiation.
www.ti.com
OPA593
SBOS659C – JANUARY 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: OPA593



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com