Electronic Components Datasheet Search
  English  ▼

X  

OPA593 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA593
Description  OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA593 Datasheet(HTML) 1 Page - Texas Instruments

  OPA593 Datasheet HTML 1Page - Texas Instruments OPA593 Datasheet HTML 2Page - Texas Instruments OPA593 Datasheet HTML 3Page - Texas Instruments OPA593 Datasheet HTML 4Page - Texas Instruments OPA593 Datasheet HTML 5Page - Texas Instruments OPA593 Datasheet HTML 6Page - Texas Instruments OPA593 Datasheet HTML 7Page - Texas Instruments OPA593 Datasheet HTML 8Page - Texas Instruments OPA593 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
1 Features
• Wide power-supply range:
– 8 V (±4 V) to 85 V (±42.5 V)
• Low offset voltage: ±20 µV
• Low offset voltage drift: ±0.4 µV/°C
• High output current: 250 mA
• Wide gain bandwidth: 10 MHz
• High slew rate: 45 V/µs, rising
• Low noise: 7 nV/√Hz at 10 kHz
• Mux-friendly inputs
• Rail-to-rail output
• Quiescent current:
– Enabled: 3.25 mA
– Disabled: 250 μA
• Specified current limit accuracy
• Overtemperature and overcurrent flags
• Temperature range: –40°C to +125°C
• Package: 12-pin WSON
2 Applications
• Semiconductor test
• Semiconductor manufacturing
• Programmable DC power supply
• LCD test
• CT and PET scanner
Current Limit Resistor, RCL (k )
0
50
100 150 200 250 300 350 400 450 500 550
-260
-220
-180
-140
-100
-60
-20
20
60
100
140
180
220
260
Output Current vs Current-Limit Resistor
Configuration
3 Description
The OPA593 is a high-voltage (85 V), high-
precision, wide-bandwidth (10 MHz), high-output-
current (250 mA), unity-gain-stable, power op amp.
The OPA593 uses a laser trimming technique to
improve the offset voltage (20 µV, typical) and offset
voltage drift (0.4 µV/°C, typical), and thus avoids the
need for calibration. This device features mux-friendly
inputs that enable differential input voltage range to
the supply rails and help improve settling performance
in multichannel systems.
An external resistor can be used to limit the current
with specified accuracy, and thus provide more
precise measurements. In case of an overcurrent
or overtemperature condition, the device indicates
erroneous operation through a status flag. An
included disable feature is used to shutdown the
device, saving power and placing the output into a
high-impedance state.
The device is unity-gain stable, enabling operation
as a high-impedance buffer. The wide bandwidth and
high slew enable high signal gains. The high output
current and capacitive drive allow the device to drive
external field-effect transistors (FETs) used to provide
higher system currents, such as in a digital power
supply.
Package Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
OPA593
DNT (WSON, 12)
4.00 mm × 4.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
+
–
10 k
+
–
45 V
–5 V
1.47 k
GND
GND
Input
Output
Output Driver Configured With a Gain of 8
OPA593
SBOS659C – JANUARY 2022 – REVISED DECEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA593

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA593 TI-OPA593 Datasheet
1Mb / 23P
OPA593 85-V, 250-mA Output Current, Precision Operational Amplifier
MARCH 2022
OPA593 TI-OPA593 Datasheet
2Mb / 38P
OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
REVISED DECEMBER 2022
logo
KODENSHI_AUK CORP.
OPA5930UYO KODENSHI-OPA5930UYO Datasheet
96Kb / 1P
Ultra Yellow LED Chip
logo
Texas Instruments
OPA593DNTR TI-OPA593DNTR Datasheet
2Mb / 38P
OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
REVISED DECEMBER 2022
OPA593DNTT TI-OPA593DNTT Datasheet
2Mb / 38P
OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
REVISED DECEMBER 2022
More results

Similar Description - OPA593

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD846 AD-AD846 Datasheet
513Kb / 12P
450 V/us, Precision, Current-Feedback Op Amp
REV.C
logo
Linear Technology
LT1970 LINER-LT1970 Datasheet
233Kb / 12P
500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970_1 Datasheet
548Kb / 24P
500mA Power Op Amp with Adjustable Precision Current Limit
logo
JMK Inc.
HH-1055-6.3 JMK-HH-1055-6.3 Datasheet
117Kb / 1P
Operating voltage = 85 to 250 V~ Operating current = 6.3 Amp
logo
Linear Technology
LT1970A LINER-LT1970A Datasheet
264Kb / 24P
500mA Power Op Amp with Adjustable Precision Current Limit
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
AD846 AD-AD846_15 Datasheet
311Kb / 12P
450 V/ms, Precision, Current-Feedback Op Amp
REV. B
logo
Linear Technology
LT1970 LINER-LT1970_15 Datasheet
273Kb / 26P
500mA Power Op Amp with Adjustable Precision Current Limit
logo
Texas Instruments
OPA593 TI-OPA593 Datasheet
1Mb / 23P
OPA593 85-V, 250-mA Output Current, Precision Operational Amplifier
MARCH 2022
OPA593 TI-OPA593_V01 Datasheet
2Mb / 38P
OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com