Electronic Components Datasheet Search
  English  ▼

X  

OPA593 Datasheet(PDF) 28 Page - Texas Instruments

Part # OPA593
Description  OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA593 Datasheet(HTML) 28 Page - Texas Instruments

Back Button OPA593 Datasheet HTML 24Page - Texas Instruments OPA593 Datasheet HTML 25Page - Texas Instruments OPA593 Datasheet HTML 26Page - Texas Instruments OPA593 Datasheet HTML 27Page - Texas Instruments OPA593 Datasheet HTML 28Page - Texas Instruments OPA593 Datasheet HTML 29Page - Texas Instruments OPA593 Datasheet HTML 30Page - Texas Instruments OPA593 Datasheet HTML 31Page - Texas Instruments OPA593 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
8.3 Power Supply Recommendations
The OPA593 operates from power supplies up to ±42.5 V, or a total of 85 V, with excellent performance. Most
behavior remains unchanged throughout the full operating voltage range. A power-supply bypass capacitor of
at least 0.1 µF is required for proper operation. Make sure that the capacitor voltage is rated for high voltage
across the full operating temperature range. Parameters that vary significantly with operating voltage are shown
in Section 6.6.
Some applications do not require an equal positive and negative output voltage swing. Power-supply voltages
do not have to be equal. The OPA593 operates with as little as 8 V between the supplies, and with up to 85 V
between the supplies.
8.4 Layout
8.4.1 Layout Guidelines
During the surface-mount solder operation (when the pins are being soldered), the thermal pad must be soldered
to a copper area underneath the package. Through the use of thermal paths within this copper area, heat
is conducted away from the package into a V− plane. Always solder the thermal pad to the PCB, even with
applications that have low power dissipation. Follow these steps to attach the device to the PCB:
1. Connect the thermal pad to the most negative supply voltage on the device, V–.
2. Prepare the PCB with a top-side pattern. There must be patterning for the pins and thermal pad.
3. Thermal vias improve heat dissipation, but are not required.
4. Place recommended vias in the area of the thermal pad. Recommended thermal land size and thermal via
patterns for the SON-12 DNT package are shown in the thermal land pattern mechanical drawing appended
at the end of this document. Keep the vias small, so that solder wicking through the vias is not a problem
during reflow. Use a 0.2-mm size via with a minimum of five connected directly below the thermal pad.
5. Additional vias can be placed anywhere along the thermal plane outside of the thermal pad area. These vias
help dissipate the heat generated by the OPA593 device. These additional vias can be larger than the vias
directly under the thermal pad because the additional vias are not in the thermal pad area to be soldered;
thus, wicking is not a problem.
6. Connect all vias to the internal power plane of the correct voltage potential, V–.
7. When connecting these vias to the plane, do not use the typical web or spoke via connection methodology.
Web connections have a high thermal resistance connection that is useful for slowing the heat transfer
during soldering operations, making the soldering of vias that have plane connections easier. In this
application, however, low thermal resistance is desired for the most efficient heat transfer. Therefore, the
vias under the OPA593 WSON package must make the connections to the internal plane with a complete
connection around the entire circumference of the plated-through hole.
8. The top-side solder mask must leave the pins of the package and the thermal pad area exposed. The
bottom-side solder mask must cover the vias of the thermal pad area. This masking prevents solder from
being pulled away from the thermal pad area during the reflow process.
9. Apply solder paste to the exposed thermal pad area and all of the device pins.
10. With these preparatory steps in place, simply place the device in position, and run through the solder reflow
operation as with any standard surface-mount component.
OPA593
SBOS659C – JANUARY 2022 – REVISED DECEMBER 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA593



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com