Electronic Components Datasheet Search
  English  ▼

X  

OPA593 Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA593
Description  OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA593 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA593 Datasheet HTML 10Page - Texas Instruments OPA593 Datasheet HTML 11Page - Texas Instruments OPA593 Datasheet HTML 12Page - Texas Instruments OPA593 Datasheet HTML 13Page - Texas Instruments OPA593 Datasheet HTML 14Page - Texas Instruments OPA593 Datasheet HTML 15Page - Texas Instruments OPA593 Datasheet HTML 16Page - Texas Instruments OPA593 Datasheet HTML 17Page - Texas Instruments OPA593 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) − (V−) = 85 V, ILIMIT = 100 mA, VCM = VOUT = VS/2, and RL = 10 kΩ connected to VS/2 (unless
otherwise noted)
Frequency (Hz)
1
2
3
5
10
20
30
50
100
200
300
500
1000
100m
1
10
100
1k
10k
100k
Figure 6-43. Input Voltage Noise Spectral Density
Frequency (Hz)
1
2
3
5
10
20
30
50
100
200
300
500
1000
100
1k
10k
100k
Figure 6-44. Input Current Noise Spectral Density
VOUT = 3 VRMS
Figure 6-45. Total Harmonic Distortion + Noise vs Frequency
Output Amplitude (VRMS)
1E-6
1E-5
0.0001
0.001
0.01
0.1
1
1m
10m
100m
1
10
-140
-120
-100
-80
-60
-40
-160
Gain =
−1, 10-k Load
Gain =
−1, 600- Load
Gain =
−1, 25- Load
Gain = 1, 10-k Load
Gain = 1, 600- Load
Gain = 1, 25- Load
VOUT = 3 VRMS
Figure 6-46. Total Harmonic Distortion + Noise vs Amplitude
Gain = 10 V/V, VOUT = 15 VRMS
Figure 6-47. Total Harmonic Distortion + Noise vs Frequency
Output Amplitude (VRMS)
1E-5
2E-5
5E-5
0.0001
0.0002
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
10m
100m
1
10
-140
-120
-100
-80
-60
-40
VS= 85 V, 10-k Load
VS = 85 V, 2-k Load
VS = 85 V, 100- Load
VS = 48 V, 10-k Load
VS = 48 V, 2-k Load
VS = 48 V, 100- Load
Gain = 10 V/V, VOUT = 15 VRMS
Figure 6-48. Total Harmonic Distortion + Noise vs Amplitude
OPA593
SBOS659C – JANUARY 2022 – REVISED DECEMBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA593



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com