Electronic Components Datasheet Search
  English  ▼

X  

OPA593 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA593
Description  OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA593 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA593 Datasheet HTML 4Page - Texas Instruments OPA593 Datasheet HTML 5Page - Texas Instruments OPA593 Datasheet HTML 6Page - Texas Instruments OPA593 Datasheet HTML 7Page - Texas Instruments OPA593 Datasheet HTML 8Page - Texas Instruments OPA593 Datasheet HTML 9Page - Texas Instruments OPA593 Datasheet HTML 10Page - Texas Instruments OPA593 Datasheet HTML 11Page - Texas Instruments OPA593 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) − (V−) = 85 V, ILIMIT = 100 mA, VCM = VOUT = VS/2, and RL = 10 kΩ connected to VS/2 (unless
otherwise noted)
Common-Mode voltage (V)
-42
-33
-24
-15
-6
3
12
21
30
39
-100
-75
-50
-25
0
25
50
75
100
Figure 6-7. Input Offset Voltage vs Common-Mode Voltage
Supply Voltage (V)
8
18
28
38
48
58
68
78
85
-100
-75
-50
-25
0
25
50
75
100
5 typical units
Figure 6-8. Input Offset Voltage vs Supply Voltage
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-100
-75
-50
-25
0
25
50
75
100
5 typical units
Figure 6-9. Input Offset Voltage vs Temperature
Temperature (°C)
-50
-25
0
25
50
75
100
125
120
140
160
180
1
0.1
0.01
0.001
VS = 85 V
VS = 8 V
Figure 6-10. CMRR vs Temperature
Temperature (°C)
-50
-25
0
25
50
75
100
125
120
140
160
180
1
0.1
0.01
0.001
Figure 6-11. PSRR vs Temperature
Common-Mode Voltage (V)
-40
-30
-20
-10
0
10
20
30
39
-40
-20
0
20
40
Figure 6-12. Input Bias Current vs Common-Mode Voltage
OPA593
SBOS659C – JANUARY 2022 – REVISED DECEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA593



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com