Electronic Components Datasheet Search
  English  ▼

X  

OPA890 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA890
Description  Dual, Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA890 Datasheet(HTML) 4 Page - Texas Instruments

  OPA890 Datasheet HTML 1Page - Texas Instruments OPA890 Datasheet HTML 2Page - Texas Instruments OPA890 Datasheet HTML 3Page - Texas Instruments OPA890 Datasheet HTML 4Page - Texas Instruments OPA890 Datasheet HTML 5Page - Texas Instruments OPA890 Datasheet HTML 6Page - Texas Instruments OPA890 Datasheet HTML 7Page - Texas Instruments OPA890 Datasheet HTML 8Page - Texas Instruments OPA890 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
OPA2889
SBOS373B – JUNE 2007 – REVISED AUGUST 2008 ....................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, RF = 750Ω, G = +2V/V, and RL = 100Ω, unless otherwise noted.
OPA2889ID, IDGS
MIN/MAX OVER
TYP
TEMPERATURE
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C(2)
+70°C(3)
+85°C(3)
UNITS
MAX
LEVEL(1)
OUTPUT
Output Voltage Swing
No load
±4.0
±3.9
±3.8
±3.7
V
min
A
RL = 100Ω
±3.3
±3.0
±2.95
±2.85
V
min
A
Output Current, Sourcing, Sinking
VO = 0V
±40
±28
±25
±22
mA
min
A
Peak Output Current
Output shorted to ground
±60
mA
typ
C
Closed-Loop Output Impedance
G = +2V/V, f = 100kHz
0.04
Ω
typ
C
DISABLE (MSOP-10 ONLY)
Disable LOW
Power-Down Supply Current (+VS)
VDIS = 0, Both channels
36
50
53
55
µA
max
A
Disable Time
VIN = 1VDC
70
µs
typ
C
Enable Time
VIN = 1VDC
200
ns
typ
C
Off Isolation
G = +2V/V, f = 5MHz
70
dB
typ
C
Output Capacitance in Disable
4
pF
typ
C
Enable Voltage
3.3
3.4
3.5
3.55
V
min
A
Disable Voltage
1.2
1.0
0.9
0.85
V
max
A
Control Pin Input Bias Current (VDIS)
VDIS = 0V, Each channel
15
25
30
35
µA
max
A
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Minimum Operating Voltage
1.3
V
typ
C
Maximum Operating Voltage
±6.0
±6.0
±6.0
V
max
A
Maximum Quiescent Current
VS = ±5V, Both channels
0.92
1
1.05
1.1
mA
max
A
Minimum Quiescent Current
VS = ±5V, Both channels
0.92
0.8
0.75
0.7
mA
min
A
Power-Supply Rejection
(+PSRR)
+VS = 4.5V to 5.5V
64
62
61
60
dB
min
A
Ratio
(–PSRR)
–VS = –4.5V to –5.5V
74
72
71
70
dB
min
A
THERMAL CHARACTERISTICS
Specified Operating Range
–40 to +85
°C
typ
C
D and DGS Packages
Thermal Resistance,
θ
JA
Junction-to-ambient
D
SO-8
100
°C/W
typ
C
DGS
MSOP-10
135
°C/W
typ
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com