Electronic Components Datasheet Search
  English  ▼

X  

OPA890 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA890
Description  Dual, Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA890 Datasheet(HTML) 5 Page - Texas Instruments

  OPA890 Datasheet HTML 1Page - Texas Instruments OPA890 Datasheet HTML 2Page - Texas Instruments OPA890 Datasheet HTML 3Page - Texas Instruments OPA890 Datasheet HTML 4Page - Texas Instruments OPA890 Datasheet HTML 5Page - Texas Instruments OPA890 Datasheet HTML 6Page - Texas Instruments OPA890 Datasheet HTML 7Page - Texas Instruments OPA890 Datasheet HTML 8Page - Texas Instruments OPA890 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
ELECTRICAL CHARACTERISTICS: VS = +5V
OPA2889
www.ti.com ....................................................................................................................................................... SBOS373B – JUNE 2007 – REVISED AUGUST 2008
At TA = +25°C, RF = 750Ω, G = +2V/V, and RL = 100Ω, unless otherwise noted.
OPA2889ID, IDGS
MIN/MAX OVER
TYP
TEMPERATURE
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C(2)
+70°C(3)
+85°C(3)
UNITS
MAX
LEVEL(1)
AC PERFORMANCE
Small-Signal Bandwidth
G = +1V/V, VO = 100mVPP, RF = 0Ω
100
MHz
typ
C
G = +2V/V, VO = 100mVPP
50
30
26
22
MHz
min
B
G = +10V/V, VO = 100mVPP
7
5.5
4.5
4
MHz
min
B
Gain Bandwidth Product
G > +20V/V
70
55
45
40
MHz
min
B
Bandwidth for 0.1dB Flatness
G = +2V/V, VO = 100mVPP
14
MHz
typ
C
Peaking at a Gain of +1V/V
VO < 100mVPP , RF = 0 Ω
1
dB
typ
C
Large-Signal Bandwidth
G = +2V/V, VO = 2VPP
60
MHz
typ
C
Slew Rate
G = +2V/V, VO = 2V Step
200
125
110
100
V/
µs
min
B
Rise-and-Fall Time
0.2V Step
6.5
ns
typ
C
Settling Time to 0.02%
G = +1V/V, VO = 2V Step
38
ns
typ
C
Settling Time to 0.1%
27
ns
typ
C
Harmonic Distortion
G = +2V/V, f = 1MHz, VO = 2VPP
2nd-Harmonic
RL = 200Ω
–71
–61
–58
–56
dBc
max
B
RL ≥ 500Ω
–76
–69
–64
–61
dBc
max
B
3rd-Harmonic
RL = 200Ω
–76
–70
–66
–64
dBc
max
B
RL ≥ 500Ω
–76
–74
–69
–66
dBc
max
B
Input Voltage Noise
f > 100kHz
8.5
10.5
12
12.5
nV/
√Hz
max
B
Input Current Noise
f > 100kHz
0.7
1
1.1
1.2
pA/
√Hz
max
B
Differential Gain
G = +2V/V, VO = 1.4VPP, RL = 150Ω
0.06
%
typ
C
Differential Phase
G = +2V/V, VO = 1.4VPP, RL = 150Ω
0.04
°
typ
C
Channel-to-Channel Crosstalk
f = 5MHz, Input-referred
–85
dB
typ
C
DC PERFORMANCE(4)
Open-Loop Voltage Gain (AOL)
VO = 0V, RL = 100Ω
64
58
56
55
dB
min
A
Input Offset Voltage
VCM = 0V
±1.5
±5
±5.9
±6.3
mV
max
A
Average Offset Voltage Drift
VCM = 0V
±20
±20
µV/°C
max
B
Input Bias Current
VCM = 0V
±150
±800
±890
±930
nA
max
A
Average Input Bias Current Drift
VCM = 0V
±2
±2
nA/°C
max
B
Input Offset Current
VCM = 0V
±50
±250
±275
±285
nA
max
A
Average Input Offset Current
VCM = 0V
±0.5
±0.5
nA/°C
max
B
Drift
INPUT
Most Positive Input Voltage
4
3.9
3.8
3.75
V
min
A
Least Positive Input Voltage
1
1.1
1.2
1.25
V
max
A
Common-Mode Rejection Ratio
VCM = 0V, Input-referred
68
58
57
56
dB
min
A
(CMRR)
Input Impedance
Differential
VCM = 0V
3.5 || 0.5
M
Ω || pF
typ
C
Common-Mode
VCM = 0V
170 || 0.8
M
Ω || pF
typ
C
(1)
Test levels: (A) 100% tested at +25°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
(2)
Junction temperature = ambient for +25°C tested specifications.
(3)
Junction temperature = ambient at low temperature limit; junction temperature = ambient +4°C at high temperature limit for over
temperature specifications.
(4)
Current is considered positive out-of-node. VCM is the input common-mode voltage.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): OPA2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com