Electronic Components Datasheet Search
  English  ▼

X  

OPA890 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA890
Description  Dual, Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA890 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA890 Datasheet HTML 6Page - Texas Instruments OPA890 Datasheet HTML 7Page - Texas Instruments OPA890 Datasheet HTML 8Page - Texas Instruments OPA890 Datasheet HTML 9Page - Texas Instruments OPA890 Datasheet HTML 10Page - Texas Instruments OPA890 Datasheet HTML 11Page - Texas Instruments OPA890 Datasheet HTML 12Page - Texas Instruments OPA890 Datasheet HTML 13Page - Texas Instruments OPA890 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
60
55
50
45
40
35
30
25
20
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
-50
-25
0
25
50
75
100
125
AmbientTemperature( C)
°
QuiescentCurrent(I )
Q
OutputCurrent,Sourcing
OutputCurrent,Sinking
3.0
2.5
2.0
1.5
1.0
0.5
0
216
180
144
108
72
36
-50
-25
0
25
50
75
100
125
AmbientTemperature( C)
°
InputBiasCurrent(I )
B
InputOffsetCurrent(I
)
OS
InputOffset
Voltage(V
)
OS
6
4
2
0
2
-
3
2
1
0
1
-
Time(5ns/div)
8
6
4
2
0
2
4
6
8
-
-
-
-
4
3
2
1
0
1
2
3
4
-
-
-
-
Time(10ns/div)
OutputVoltage
LeftScale
InputVoltage
RightScale
R =100
G=+2V/V
W
L
100
10
1
0.1
0.01
0.001
1k
10k
100k
1M
10M
100M
Frequency(Hz)
750W
Z
O
374W
750W
1/2
OPA2889
120
100
80
60
40
20
0
20
-
0
30
60
90
120
150
180
210
-
-
-
-
-
-
-
100
1k
10k
100k
1M
10M
100M
1G
Frequency(Hz)
Open-LoopGain
Open-LoopPhase
OPA2889
SBOS373B – JUNE 2007 – REVISED AUGUST 2008 ....................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, G = +2V/V, RF = 750Ω, and RL = 100Ω, unless otherwise noted. See Figure 50.
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
TYPICAL DC DRIFT OVER TEMPERATURE
Figure 19.
Figure 20.
LARGE-SIGNAL DISABLE/ENABLE RESPONSE
NONINVERTING OVERDRIVE RECOVERY
Figure 21.
Figure 22.
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
OPEN-LOOP GAIN AND PHASE
Figure 23.
Figure 24.
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com