Electronic Components Datasheet Search
  English  ▼

X  

OPA890 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA890
Description  Dual, Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA890 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA890 Datasheet HTML 4Page - Texas Instruments OPA890 Datasheet HTML 5Page - Texas Instruments OPA890 Datasheet HTML 6Page - Texas Instruments OPA890 Datasheet HTML 7Page - Texas Instruments OPA890 Datasheet HTML 8Page - Texas Instruments OPA890 Datasheet HTML 9Page - Texas Instruments OPA890 Datasheet HTML 10Page - Texas Instruments OPA890 Datasheet HTML 11Page - Texas Instruments OPA890 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
-65
70
75
80
85
90
-
-
-
-
-
100
1k
LoadResistance( )
W
V =2V
f=1MHz
G=+2V/V
O
PP
3rdHarmonic
2ndHarmonic
V =2V
R =200
G=+2V/V
O
PP
L
W
3rdHarmonic
2ndHarmonic
-70
72
74
76
78
80
82
84
-
-
-
-
-
-
-
5
6
7
8
9
10
11
12
SupplyVoltage(V)
R =200
f=1MHz
G=+2V/V
W
L
3rdHarmonic
2ndHarmonic
-55
60
65
70
75
80
85
90
-
-
-
-
-
-
-
0.1
10
OutputVoltageSwing(V
)
PP
1
V =2V
R =200
G=+2V/V
O
PP
L
W
3rdHarmonic
2ndHarmonic
-40
50
60
70
80
90
100
110
-
-
-
-
-
-
-
0.1
10
Frequency(MHz)
1
V =2V
R =200
O
PP
L
W
f=1MHz
3rdHarmonic
2ndHarmonic
-65
70
75
80
85
90
-
-
-
-
-
1
10
Gain(V/V)
V =2V
R =200
O
PP
L
W
f=1MHz
3rdHarmonic
2ndHarmonic
-60
65
70
75
80
85
-
-
-
-
-
1
10
Gain( V/V)
-
OPA2889
SBOS373B – JUNE 2007 – REVISED AUGUST 2008 ....................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, G = +2V/V, RF = 750Ω, and RL = 100Ω, unless otherwise noted. See Figure 50.
HARMONIC DISTORTION vs LOAD RESISTANCE
1MHz HARMONIC DISTORTION vs SUPPLY VOLTAGE
Figure 7.
Figure 8.
HARMONIC DISTORTION vs FREQUENCY
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 9.
Figure 10.
HARMONIC DISTORTION vs NONINVERTING GAIN
HARMONIC DISTORTION vs INVERTING GAIN
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com