Electronic Components Datasheet Search
  English  ▼

X  

OPA890 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA890
Description  Dual, Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA890 Datasheet(HTML) 1 Page - Texas Instruments

  OPA890 Datasheet HTML 1Page - Texas Instruments OPA890 Datasheet HTML 2Page - Texas Instruments OPA890 Datasheet HTML 3Page - Texas Instruments OPA890 Datasheet HTML 4Page - Texas Instruments OPA890 Datasheet HTML 5Page - Texas Instruments OPA890 Datasheet HTML 6Page - Texas Instruments OPA890 Datasheet HTML 7Page - Texas Instruments OPA890 Datasheet HTML 8Page - Texas Instruments OPA890 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
OP
A2889
OP
A2889
1
FEATURES
DESCRIPTION
APPLICATIONS
200W
750W
1/2
OPA2889
750W
1/2
OPA2889
V
REF/2
200W
+6V
+5V
+6V
-6V
-6V
.01 F
m
1kW
50W
500pF
V
i
375W
16W
16W
0V
4V
®
500kHzLP
Pole
16-Bit
1MSPS
SARADC
ADS8472
OPA2889
www.ti.com ....................................................................................................................................................... SBOS373B – JUNE 2007 – REVISED AUGUST 2008
Dual, Low-Power, Wideband, Voltage-Feedback
OPERATIONAL AMPLIFIER with Disable
2
• FLEXIBLE SUPPLY RANGE:
The OPA2889 represents a major step forward in
+2.6V to +12V Single Supply
unity-gain stable, voltage-feedback op amps. A new
±1.3V to ±6V Dual Supplies
internal architecture provides slew rate and full-power
• UNITY-GAIN STABLE
bandwidth
previously
found
only
in
wideband,
• WIDEBAND ±5V OPERATION: 60MHz
current-feedback op amps. These capabilities give
(G = +2V/V)
exceptional full-power bandwidth. Using a dual ±5V
supply, the OPA2889 can deliver a ±4V output swing
• OUTPUT VOLTAGE SWING: ±4V
with over 40mA drive current and 60MHz bandwidth.
• HIGH SLEW RATE: 250V/µs
This combination of features makes the OPA2889 an
• LOW QUIESCENT CURRENT: 460µA/ch
ideal RGB line driver or single-supply analog-to-digital
converter (ADC) input driver or low power twisted pair
• LOW DISABLE CURRENT: 18µA/ch
line receiver.
The low 460
µA/ch supply current of the OPA2889 is
• VIDEO LINE DRIVING
precisely trimmed at +25°C. System power may be
reduced further using the optional disable control pin.
• xDSL LINE RECEIVERS
Leaving this disable pin open, or holding it HIGH,
• HIGH-SPEED IMAGING CHANNELS
operates the OPA2889 normally. If pulled LOW, the
• ADC BUFFERS
OPA2889 supply current drops to less than 20
µA/ch
• PORTABLE INSTRUMENTS
while the output goes into a high-impedance state.
• TRANSIMPEDANCE AMPLIFIERS
RELATED
• ACTIVE FILTERS
OPERATIONAL AMPLIFIER
PRODUCTS
SINGLES
DUALS
TRIPLES
Low-Power Voltage-Feedback
OPA890
OPA2890
with Disable
Voltage-Feedback Amplifier
OPA690
OPA2690
OPA3690
with Disable (1800V/
µs)
Current-Feedback Amplifier
OPA691
OPA2691
OPA3691
with Disable (2100V/
µs)
Fixed Gain
OPA692
OPA3692
Low Power, DC-Coupled, Single-to-Differential
Driver for
≤100kHz Inputs
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA890

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA890 BURR-BROWN-OPA890 Datasheet
901Kb / 32P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA890 TI-OPA890 Datasheet
780Kb / 35P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
National Semiconductor ...
OPA890 NSC-OPA890 Datasheet
1Mb / 34P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA890 TI2-OPA890 Datasheet
1Mb / 37P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
REVISED DECEMBER 2009
logo
Burr-Brown (TI)
OPA890ID BURR-BROWN-OPA890ID Datasheet
901Kb / 32P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results

Similar Description - OPA890

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA890 BURR-BROWN-OPA890 Datasheet
901Kb / 32P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2890 TI-OPA2890 Datasheet
780Kb / 35P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2890 TI-OPA2890_08 Datasheet
815Kb / 35P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
National Semiconductor ...
OPA890 NSC-OPA890 Datasheet
1Mb / 34P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2680 TI1-OPA2680 Datasheet
217Kb / 22P
Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com