Electronic Components Datasheet Search
  English  ▼

X  

OPA890 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA890
Description  Dual, Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA890 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA890 Datasheet HTML 8Page - Texas Instruments OPA890 Datasheet HTML 9Page - Texas Instruments OPA890 Datasheet HTML 10Page - Texas Instruments OPA890 Datasheet HTML 11Page - Texas Instruments OPA890 Datasheet HTML 12Page - Texas Instruments OPA890 Datasheet HTML 13Page - Texas Instruments OPA890 Datasheet HTML 14Page - Texas Instruments OPA890 Datasheet HTML 15Page - Texas Instruments OPA890 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
TYPICAL CHARACTERISTICS: VS = ±5V, Differential
3
0
3
6
9
12
15
18
-
-
-
-
-
-
1
10
100
200
Frequency(MHz)
R =750W
F
R =200
SeeFigure53
L
W
G =+5V/V
D
G =+10V/V
D
G =+1V/V
D
G =+2V/V
D
9
6
3
0
3
6
9
-
-
-
0
20
40
60
80
100
120
140
Frequency(MHz)
R =200W
L
G =+2V/V
SeeFigure53
D
5V
PP
PP
and
8V
14V
PP
-70
80
85
90
95
-
-
-
-
-
75
100
1k
LoadResistance( )
W
V =4V
f=1MHZ
G =+2V/V
O
PP
D
2ndHarmonic
3rdHarmonic
SeeFigure53
0.1
10
Frequency(MHz)
V =4V
R =200
G =+2V/V
O
PP
L
D
W
-
-
-
-
-
-
30
40
50
60
70
80
90
100
110
-
-
-
1
3rdHarmonic
2ndHarmonic
SeeFigure53
0.1
10
OutputVoltage(V
)
PP
1
-60
65
70
75
80
85
90
-
-
-
-
-
-
R =200
f=1MHz
G =+2V/V
W
L
D
3rdHarmonic
2ndHarmonic
SeeFigure53
-70
80
90
100
110
120
130
140
-
-
-
-
-
-
-
1
10
100
1000
Frequency(kHz)
R
=1k
G = 1V/V
V =4V
W
-
L_DIFF
D
O
PP
3rdHarmonic
2ndHarmonic
SeeFigure52
OPA2889
SBOS373B – JUNE 2007 – REVISED AUGUST 2008 ....................................................................................................................................................... www.ti.com
At TA = +25°C, Differential Gain = +2V/V, and RL = 200Ω, unless otherwise noted. See Figure 52 and Figure 53.
DIFFERENTIAL SMALL-SIGNAL FREQUENCY RESPONSE
DIFFERENTIAL LARGE-SIGNAL FREQUENCY RESPONSE
Figure 27.
Figure 28.
DIFFERENTIAL DISTORTION vs LOAD RESISTANCE
DIFFERENTIAL DISTORTION vs FREQUENCY
Figure 29.
Figure 30.
DIFFERENTIAL DISTORTION vs OUTPUT VOLTAGE
DIFFERENTIAL DISTORTION vs FREQUENCY
Figure 31.
Figure 32.
12
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com