Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA855
Description  OPA858 5.5GHz Gain Bandwidth Product, Gain of 7V/V Stable, FET Input Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 12Page - Texas Instruments OPA855 Datasheet HTML 13Page - Texas Instruments OPA855 Datasheet HTML 14Page - Texas Instruments OPA855 Datasheet HTML 15Page - Texas Instruments OPA855 Datasheet HTML 16Page - Texas Instruments OPA855 Datasheet HTML 17Page - Texas Instruments OPA855 Datasheet HTML 18Page - Texas Instruments OPA855 Datasheet HTML 19Page - Texas Instruments OPA855 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
8 Detailed Description
8.1 Overview
The ultra-wide, 5.5-GHz gain bandwidth product (GBWP) of the OPA858, combined with the broadband voltage
noise of 2.5 nV/√Hz, produces a viable amplifier for wideband transimpedance applications, high-speed data
acquisition systems, and applications with weak signal inputs that require low-noise and high-gain front ends.
The OPA858 combines multiple features to optimize dynamic performance. In addition to the wide, small-signal
bandwidth, the OPA858 has 600 MHz of large-signal bandwidth (VOUT = 2 VPP), and a slew rate of 2000 V/µs.
The OPA858 is offered in a 2-mm × 2-mm, 8-pin WSON package that features a feedback (FB) pin for a simple
feedback network connection between the amplifiers output and inverting input. Excess capacitance on an
amplifiers input pin can reduce phase margin causing instability. This problem is exacerbated in the case of very
wideband amplifiers like the OPA858. To reduce the effects of stray capacitance on the input node, the OPA858
pinout features an isolation pin (NC) between the feedback and inverting input pins that increases the physical
spacing between them, thereby reducing parasitic coupling at high frequencies. The OPA858 also features a
very low capacitance input stage with only 0.8-pF of total input capacitance.
8.2 Functional Block Diagram
The OPA858 is a classic voltage-feedback operational amplifier (op amp) with two high-impedance inputs and a
low-impedance output. Standard application circuits are supported, such as the two basic options in Figure 8-1
and Figure 8-2. The dc operating point for each configuration is level-shifted by the reference voltage (VREF),
which is typically set to midsupply in single-supply operation. VREF is typically connected to ground in split-supply
applications.
+
±
VIN
RG
VREF
VREF
RF
VSIG
VREF
(1 + RF / RG) × VSIG
VOUT
VS+
VS±
Figure 8-1. Noninverting Amplifier
+
±
VIN
RG
VREF
VREF
RF
VSIG
VREF
±(RF / RG) × VSIG
VOUT
VS+
VS±
Figure 8-2. Inverting Amplifier
OPA858
SBOS629B – APRIL 2018 – REVISED MAY 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA858



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com