Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 19 Page - Texas Instruments

Part # OPA855
Description  OPA858 5.5GHz Gain Bandwidth Product, Gain of 7V/V Stable, FET Input Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 15Page - Texas Instruments OPA855 Datasheet HTML 16Page - Texas Instruments OPA855 Datasheet HTML 17Page - Texas Instruments OPA855 Datasheet HTML 18Page - Texas Instruments OPA855 Datasheet HTML 19Page - Texas Instruments OPA855 Datasheet HTML 20Page - Texas Instruments OPA855 Datasheet HTML 21Page - Texas Instruments OPA855 Datasheet HTML 22Page - Texas Instruments OPA855 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
8.3.4 Slew Rate and Output Stage
In addition to wide bandwidth, the OPA858 features a high slew rate of 2000 V/µs. The slew rate is a
critical parameter in high-speed pulse applications with narrow sub-10-ns pulses, such as optical time-domain
reflectometry (OTDR) and LIDAR. The high slew rate of the OPA858 implies that the device accurately
reproduces a 2-V, sub-ns pulse edge; see also Figure 6-20. The wide bandwidth and slew rate make the
OPA858 an excellent amplifier for high-speed signal-chain front ends.
Figure 8-7 shows the open-loop output impedance of the OPA858 as a function of frequency. To achieve
high slew rates and low output impedance across frequency, the output swing of the OPA858 is limited to
approximately 3 V. The OPA858 is typically used in conjunction with high-speed pipeline ADCs and flash ADCs
that have limited input ranges. Therefore, the OPA858 output swing range coupled with the class-leading voltage
noise specification for a CMOS amplifier maximizes the overall dynamic range of the signal chain.
Frequency (Hz)
0
2
4
6
8
10
12
14
16
18
20
10k
100k
1M
10M
100M
1G
10G
D601
Figure 8-7. Open-Loop Output Impedance (ZOL) vs Frequency
8.3.5 Current Noise
The input impedance of CMOS and JFET input amplifiers at low frequencies exceed several GΩs. However,
at higher frequencies, the transistors parasitic capacitance to the drain, source, and substrate reduces the
impedance. The high impedance at low frequencies eliminates any bias current and the associated shot noise.
At higher frequencies, the input current noise increases (see Figure 8-8) as a result of capacitive coupling
between the CMOS gate oxide and the underlying transistor channel. This phenomenon is a natural artifact of
the construction of the transistor and is unavoidable.
Frequency (Hz)
1k
10k
100k
1M
10M
100M
1G
1p
10p
100p
100f
10f
1f
D607
Figure 8-8. Input Current Noise (IBN and IBI) vs Frequency
www.ti.com
OPA858
SBOS629B – APRIL 2018 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA858



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com