Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 18 Page - Texas Instruments

Part # OPA855
Description  OPA858 5.5GHz Gain Bandwidth Product, Gain of 7V/V Stable, FET Input Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 14Page - Texas Instruments OPA855 Datasheet HTML 15Page - Texas Instruments OPA855 Datasheet HTML 16Page - Texas Instruments OPA855 Datasheet HTML 17Page - Texas Instruments OPA855 Datasheet HTML 18Page - Texas Instruments OPA855 Datasheet HTML 19Page - Texas Instruments OPA855 Datasheet HTML 20Page - Texas Instruments OPA855 Datasheet HTML 21Page - Texas Instruments OPA855 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
8.3.3 Wide Gain-Bandwidth Product
Figure 6-10 shows the open-loop magnitude and phase response of the OPA858. Calculate the gain bandwidth
product of any op amp by determining the frequency at which the AOL is 60 dB and multiplying that frequency
by a factor of 1000. The second pole in the AOL response occurs before the magnitude crosses 0 dB, and
the resultant phase margin is less than 0°. This result indicates instability at a gain of 0 dB (1 V/V). Amplifiers
that are not unity-gain stable are known as decompensated amplifiers. Decompensated amplifiers typically have
higher gain-bandwidth product, higher slew rate, and lower voltage noise, compared to a unity-gain stable
amplifier with the same amount of quiescent power consumption.
Figure 8-5 shows the open-loop magnitude (AOL) of the OPA858 as a function of temperature. The results show
minimal variation over temperature. The phase margin of the OPA858 configured in a noise gain of 7 V/V (16.9
dB) is close to 55° across temperature. Similarly Figure 8-6 shows the AOL magnitude of the OPA858 as a
function of process variation. The results show the AOL curve for the nominal process corner and the variation
one standard deviation from the nominal. The simulated results suggest less than 1° of phase margin difference
within a standard deviation of process variation when the amplifier is configured in a gain of 7 V/V.
One of the primary applications for the OPA858 is as a high-speed transimpedance amplifier (TIA), as Figure
9-4 shows. The low-frequency noise gain of a TIA is 0 dB (1 V/V). At high frequencies the ratio of the total
input capacitance and the feedback capacitance set the noise gain. To maximize the TIA closed-loop bandwidth,
the feedback capacitance is typically smaller than the input capacitance, which implies that the high-frequency
noise gain is greater than 0 dB. As a result, op amps configured as TIAs are not required to be unity-gain
stable, which makes a decompensated amplifier a viable option for a TIA. What You Need To Know About
Transimpedance Amplifiers – Part 1 and What You Need To Know About Transimpedance Amplifiers – Part 2
describe transimpedance amplifier compensation in greater detail.
Frequency (Hz)
-15
0
15
30
45
60
75
90
100k
1M
10M
100M
1G
10G
D204
AOL at 40qC
AOL at 25qC
AOL at +125qC
Figure 8-5. Open-Loop Gain vs Temperature
Frequency (Hz)
-15
0
15
30
45
60
75
90
100k
1M
10M
100M
1G
10G
D205
AOL (
V
)
AOL (Typ.)
AOL (
V
)
Figure 8-6. Open-Loop Gain vs Process Variation
OPA858
SBOS629B – APRIL 2018 – REVISED MAY 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA858



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com