Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 24 Page - Texas Instruments

Part # OPA855
Description  OPA858 5.5GHz Gain Bandwidth Product, Gain of 7V/V Stable, FET Input Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 20Page - Texas Instruments OPA855 Datasheet HTML 21Page - Texas Instruments OPA855 Datasheet HTML 22Page - Texas Instruments OPA855 Datasheet HTML 23Page - Texas Instruments OPA855 Datasheet HTML 24Page - Texas Instruments OPA855 Datasheet HTML 25Page - Texas Instruments OPA855 Datasheet HTML 26Page - Texas Instruments OPA855 Datasheet HTML 27Page - Texas Instruments OPA855 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
The zero in Equation 2 increases the noise gain at higher frequencies, which is important when compensating
a decompensated amplifier. However, the noise gain zero reduces the loop gain phase which results in a lower
phase margin. To counteract the phase reduction due to the noise gain zero, add a pole to the noise gain curve
by inserting the 0.5-pF feedback capacitor. The pole occurs at a frequency shown in Equation 3. The noise
gain pole and zero locations must be selected so that the rate-of-closure between the magnitude curves of AOL
and 1/β is approximately 20 dB. To provide this rate of closure, the noise gain pole must occur before the 1/β
magnitude curve intersects the AOL magnitude curve. In other words, the noise gain pole must occur before |AOL|
= |1/β|. The point at which the two curves intersect is known as the loop gain crossover frequency.
f= 12πRFCF
(3)
where
• CF is the feedback capacitor (includes any added PCB parasitic)
For more information on op-amp stability, watch the TI Precision Lab series on stability video.
9.2.1.3 Application Curves
Frequency (Hz)
-16
-12
-8
-4
0
4
8
12
16
1M
10M
100M
1G
D206
Simulated Response
Measured Response
VOUT = 100 mVPP
Figure 9-6. Gain = –2 V/V, Uncompensated Frequency Response
Frequency (Hz)
-32
-28
-24
-20
-16
-12
-8
-4
0
4
1M
10M
100M
1G
D207
Simulated Response
Measured Response
VOUT = 100 mVPP
Figure 9-7. Gain = –2 V/V, Compensated Frequency Response
OPA858
SBOS629B – APRIL 2018 – REVISED MAY 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA858



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com