Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA855
Description  OPA858 5.5GHz Gain Bandwidth Product, Gain of 7V/V Stable, FET Input Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855 Datasheet(HTML) 1 Page - Texas Instruments

  OPA855 Datasheet HTML 1Page - Texas Instruments OPA855 Datasheet HTML 2Page - Texas Instruments OPA855 Datasheet HTML 3Page - Texas Instruments OPA855 Datasheet HTML 4Page - Texas Instruments OPA855 Datasheet HTML 5Page - Texas Instruments OPA855 Datasheet HTML 6Page - Texas Instruments OPA855 Datasheet HTML 7Page - Texas Instruments OPA855 Datasheet HTML 8Page - Texas Instruments OPA855 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
OPA858 5.5GHz Gain Bandwidth Product, Gain of 7V/V Stable, FET Input Amplifier
1 Features
• High gain bandwidth product: 5.5GHz
• Decompensated, gain ≥ 7V/V (stable)
• Ultra-low bias current MOSFET inputs: 10pA
• Low input voltage noise: 2.5nV/√Hz
• Slew rate: 2000V/µs
• Low Input capacitance:
– Common-mode: 0.6pF
– Differential: 0.2pF
• Wide input common-mode range:
– 1.4V from positive supply
– Includes negative supply
• 2.5VPP output swing in TIA configuration
• Supply voltage range: 3.3V to 5.25V
• Quiescent current: 20.5mA
• Package: 8-pin WSON
• Temperature range: –40°C to +125°C
2 Applications
• Optical time domain reflectometry (OTDR)
• 3D scanner
• Laser distance measurement
• Solid-state scanning LIDAR
• Optical ToF position sensor
• Drone vision
• Industrial robot LIDAR
• Vacuum robot LIDAR
• Silicon photomultiplier (SiPM) buffer amplifier
• Photomultiplier tube post amplifier
+
±
VBIAS
CF
RF
3.5 V
5 V
+
±
VREF
TDC7201
(Time-to-
Digital
Converter)
Pulsed Laser
Diode
Rx
Lens
+
±
VBIAS
CF
RF
3.5 V
5 V
+
±
VREF
Tx
Lens
MSP430
Controller
Start 1
Stop 1
Start 2
Stop 2
OPA858
OPA858
TLV3501
TLV3501
High-Speed Time-of-Flight Receiver
3 Description
The OPA858 is a wideband, low-noise operational
amplifier
with
CMOS
inputs
for
wideband
transimpedance and voltage amplifier applications.
When the device is configured as a transimpedance
amplifier (TIA), the 5.5GHz gain bandwidth product
(GBWP) enables high closed-loop bandwidths at
transimpedance gains in the range of tens to
hundreds of kilohms.
The following graph shows the bandwidth and
noise performance of the OPA858 as a function of
the photodiode capacitance when the amplifier is
configured as a TIA. The total noise is calculated
along a bandwidth range extending from dc to the
calculated frequency (f) on the left scale. The OPA858
package has a feedback pin (FB) that simplifies the
feedback network connection between the input and
the output.
The OPA858 is optimized to operate in optical time-of-
flight (ToF) systems where the OPA858 is used with
time-to-digital converters, such as the TDC7201. Use
the OPA858 to drive a high-speed analog-to-digital
converter (ADC) in high-resolution LIDAR systems
with a differential output amplifier, such as the
THS4541 or LMH5401 devices.
Package Information
PART NUMBER(1)
PACKAGE(2)
PACKAGE SIZE(3)
OPA858
DSG (WSON, 8) 2.00mm × 2.00mm
Bare die
0.751mm × 0.705mm
(1)
See the Device Comparison Table.
(2)
For more information, see Section 12.
(3)
The package size (length × width) is a nominal value and
includes pins, where applicable.
Photodiode capacitance (pF)
0
2
4
6
8
10
12
14
16
18
20
0
20
50
30
100
40
150
50
200
60
250
70
300
80
350
90
400
100
450
110
D209
f-3dB, RF = 10 k:
f-3dB, RF = 20 k:
IRN, RF = 10 k:
IRN, RF = 20 k:
Photodiode Capacitance vs Bandwidth and Noise
OPA858
SBOS629B – APRIL 2018 – REVISED MAY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA855

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA855 TI1-OPA855 Datasheet
1Mb / 27P
8 GHz Gain Bandwidth Product, Gain of 7 V/V Stable, Bipolar Input Amplifier
OPA855 TI1-OPA855 Datasheet
1Mb / 30P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA855 TI-OPA855 Datasheet
3Mb / 33P
OPA856 1.1-GHz Unity-Gain Bandwidth, 0.9 nV /?숰z , Bipolar Input Amplifier
OPA855 TI-OPA855 Datasheet
1Mb / 29P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA855 TI-OPA855 Datasheet
3Mb / 35P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
More results

Similar Description - OPA855

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK7002 IKSEMICON-IK7002 Datasheet
371Kb / 5P
Gain bandwidth product
logo
Texas Instruments
OPA858 TI1-OPA858 Datasheet
1Mb / 28P
5.5-GHz Gain Bandwidth Product Decompensated, FET Input Amplifier
OPA858 TI1-OPA858_18 Datasheet
2Mb / 31P
5.5-GHz Gain Bandwidth Product Decompensated, FET Input Amplifier
OPA855 TI1-OPA855 Datasheet
1Mb / 27P
8 GHz Gain Bandwidth Product, Gain of 7 V/V Stable, Bipolar Input Amplifier
OPA855 TI1-OPA855_18 Datasheet
1Mb / 30P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA818 TI1-OPA818 Datasheet
641Kb / 27P
2.7-GHz, 13-V, Gain of 7-V/V Stable, FET-Input Operational Amplifier
OPA855-Q1 TI-OPA855-Q1 Datasheet
1Mb / 29P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA858-Q1 TI-OPA858-Q1 Datasheet
1Mb / 30P
OPA858-Q1 5.5-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, FET Input Amplifier
OPA855-Q1 TI-OPA855-Q1_V01 Datasheet
3Mb / 35P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA858-Q1 TI-OPA858-Q1_V01 Datasheet
3Mb / 37P
OPA858-Q1 5.5-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, FET Input Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com