Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA855
Description  OPA858 5.5GHz Gain Bandwidth Product, Gain of 7V/V Stable, FET Input Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 18Page - Texas Instruments OPA855 Datasheet HTML 19Page - Texas Instruments OPA855 Datasheet HTML 20Page - Texas Instruments OPA855 Datasheet HTML 21Page - Texas Instruments OPA855 Datasheet HTML 22Page - Texas Instruments OPA855 Datasheet HTML 23Page - Texas Instruments OPA855 Datasheet HTML 24Page - Texas Instruments OPA855 Datasheet HTML 25Page - Texas Instruments OPA855 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Photodiode capacitance (pF)
0
2
4
6
8
10
12
14
16
18
20
0
20
50
30
100
40
150
50
200
60
250
70
300
80
350
90
400
100
450
110
D209
f-3dB, RF = 10 k:
f-3dB, RF = 20 k:
IRN, RF = 10 k:
IRN, RF = 20 k:
Figure 9-2. Bandwidth and Noise Performance vs
Photodiode Capacitance
Feedback Resistance (k:)
50
0
100
20
150
40
200
60
250
80
300
100
350
120
10
100
D210
f-3dB, CF = 1 pF
f-3dB, CF = 2 pF
IRN, CF = 1 pF
IRN, CF = 2 pF
Figure 9-3. Bandwidth and Noise Performance vs
Feedback Resistance
Figure 9-2 shows the amplifier performance as a function of photodiode capacitance (CPD) for RF = 10 kΩ and
20 kΩ. Increasing CPD decreases the closed-loop bandwidth. To maximize bandwidth, reduce any stray parasitic
capacitance from the PCB. The OPA858 is designed with 0.8 pF of total input capacitance to minimize the effect
on system performance.
Figure 9-3 shows the amplifier performance as a function of RF for CPD = 1 pF and 2 pF. Increasing RF results in
lower bandwidth. To maximize the signal-to-noise ratio (SNR) in an optical front-end system, maximize the gain
in the TIA stage. Increasing RF by a factor of X increases the signal level by X, but only increases the resistor
noise contribution by √X, thereby improving SNR.
9.2 Typical Applications
9.2.1 TIA in an Optical Front-End System
The high GBWP, low input voltage noise, and high slew rate of the OPA858 makes the device a viable wideband,
high input impedance voltage amplifier.
+
±
226
453
2.5 V
í2.5 V
GND
169
50-
Measurement
System
50
GND
Supply decoupling not shown
71.5
GND
GND
50-
Source
50
62
GND
Figure 9-4. OPA858 in a Gain of –2V/V (No Noise Gain Shaping)
+
±
226
453
2.5 V
í2.5 V
GND
169
50-
Measurement
System
50
GND
Supply decoupling not shown
71.5
GND
2.7 pF
GND
0.5 pF
GND
50-
Source
50
62
GND
Figure 9-5. OPA858 in a Gain of –2V/V (With Noise Gain Shaping)
OPA858
SBOS629B – APRIL 2018 – REVISED MAY 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA858



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com