Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA855
Description  OPA858 5.5GHz Gain Bandwidth Product, Gain of 7V/V Stable, FET Input Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 7Page - Texas Instruments OPA855 Datasheet HTML 8Page - Texas Instruments OPA855 Datasheet HTML 9Page - Texas Instruments OPA855 Datasheet HTML 10Page - Texas Instruments OPA855 Datasheet HTML 11Page - Texas Instruments OPA855 Datasheet HTML 12Page - Texas Instruments OPA855 Datasheet HTML 13Page - Texas Instruments OPA855 Datasheet HTML 14Page - Texas Instruments OPA855 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
6.6 Typical Characteristics (continued)
at VS+ = 2.5 V, VS– = –2.5 V, VIN+ = 0 V, RF = 453 Ω, gain = 7 V/V, RL = 200 Ω, output load referenced to midsupply, and TA =
25°C (unless otherwise noted)
Time (5 ns/div)
-80
-60
-40
-20
0
20
40
60
80
D119
Input
Output
Average rise-and-fall time (10%–90%) = 450 ps
Figure 6-19. Small-Signal Transient Response
Time (5 ns/div)
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
D120
Input
Output
Average rise-and-fall time (10%–90%) = 750 ps
Figure 6-20. Large-Signal Transient Response
Time (5 ns/div)
-80
-60
-40
-20
0
20
40
60
80
D121
RS = 24 :, CL = 10 pF
RS = 10 :, CL = 47 pF
RS = 5.6 :, CL = 100 pF
RS = 1.8 :, CL = 1 nF
Figure 6-21. Small-Signal Transient Response vs Capacitive
Load
Time (ns)
0
10
20
30
40
50
60
70
80
90
100
-3
-2
-1
0
1
2
3
D122
Measured Output
Ideal Output
2 × output overdrive
Figure 6-22. Output Overload Response
Time (5 ns/div)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D123
Power Down (PD)
Output
VS+ = 5 V, VS– = ground
Figure 6-23. Turn-On Transient Response
Time (5 ns/div)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D124
Power Down (PD)
Output
VS+ = 5 V, VS– = ground
Figure 6-24. Turn-Off Transient Response
www.ti.com
OPA858
SBOS629B – APRIL 2018 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA858



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com