Electronic Components Datasheet Search
  English  ▼

X  

OPA855YR Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA855YR
Description  OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855YR Datasheet(HTML) 2 Page - Texas Instruments

  OPA855YR Datasheet HTML 1Page - Texas Instruments OPA855YR Datasheet HTML 2Page - Texas Instruments OPA855YR Datasheet HTML 3Page - Texas Instruments OPA855YR Datasheet HTML 4Page - Texas Instruments OPA855YR Datasheet HTML 5Page - Texas Instruments OPA855YR Datasheet HTML 6Page - Texas Instruments OPA855YR Datasheet HTML 7Page - Texas Instruments OPA855YR Datasheet HTML 8Page - Texas Instruments OPA855YR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings ....................................... 5
6.2 ESD Ratings .............................................................. 5
6.3 Recommended Operating Conditions ........................5
6.4 Thermal Information ...................................................5
6.5 Electrical Characteristics ............................................6
6.6 Typical Characteristics................................................ 8
7 Parameter Measurement Information.......................... 15
8 Detailed Description......................................................16
8.1 Overview................................................................... 16
8.2 Functional Block Diagram......................................... 16
8.3 Feature Description...................................................17
8.4 Device Functional Modes..........................................20
9 Application and Implementation.................................. 21
9.1 Application Information............................................. 21
9.2 Typical Applications.................................................. 21
9.3 Power Supply Recommendations.............................28
9.4 Layout....................................................................... 29
10 Device and Documentation Support..........................31
10.1 Device Support....................................................... 31
10.2 Documentation Support.......................................... 31
10.3 Receiving Notification of Documentation Updates..31
10.4 Support Resources................................................. 31
10.5 Trademarks.............................................................31
10.6 Electrostatic Discharge Caution..............................31
10.7 Glossary..................................................................31
11 Revision History.......................................................... 31
12 Mechanical, Packaging, and Orderable
Information.................................................................... 32
4 Device Comparison Table
DEVICE
INPUT TYPE
MINIMUM STABLE
GAIN (V/V)
VOLTAGE NOISE
(nV/√Hz)
INPUT
CAPACITANCE (pF)
GAIN BANDWIDTH
(GHz)
OPA855
Bipolar
7
0.98
0.8
8
OPA856
Bipolar
1
0.9
1.1
1.1
OPA858
CMOS
7
2.5
0.8
5.5
OPA859
CMOS
1
3.3
0.8
0.9
LMH6629
Bipolar
10
0.69
5.7
4
OPA855
SBOS622D – JULY 2018 – REVISED MAY 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com