Electronic Components Datasheet Search
  English  ▼

X  

OPA855YR Datasheet(PDF) 20 Page - Texas Instruments

Part # OPA855YR
Description  OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855YR Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA855YR Datasheet HTML 16Page - Texas Instruments OPA855YR Datasheet HTML 17Page - Texas Instruments OPA855YR Datasheet HTML 18Page - Texas Instruments OPA855YR Datasheet HTML 19Page - Texas Instruments OPA855YR Datasheet HTML 20Page - Texas Instruments OPA855YR Datasheet HTML 21Page - Texas Instruments OPA855YR Datasheet HTML 22Page - Texas Instruments OPA855YR Datasheet HTML 23Page - Texas Instruments OPA855YR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
8.4 Device Functional Modes
8.4.1 Split-Supply and Single-Supply Operation
The OPA855 can be configured with single-sided supplies or split supplies; see also Figure 9-11 . Split-supply
operation using balanced supplies with the input common-mode set to ground can help ease lab testing
(because most signal generators, network analyzers, spectrum analyzers, and other lab equipment typically
reference inputs and outputs to ground). In split-supply operation, connect the thermal pad to the negative
supply.
Newer systems use a single power supply to improve efficiency and reduce the cost of the extra power
supply. The OPA855 can be used with a single positive supply (negative supply at ground) with no change in
performance if the input common-mode and output swing are biased within the linear operation of the device. In
single-supply operation, level shift the dc input and output reference voltages by half the difference between the
power supply rails. This configuration maintains the input common-mode and output load reference at midsupply.
To eliminate gain errors, the source driving the reference input common-mode voltage must have low output
impedance across the frequency range of interest. In this case, connect the thermal pad to ground.
8.4.2 Power-Down Mode
The OPA855 features a power-down mode to reduce the quiescent current to conserve power. Figure 6-23 and
Figure 6-24 show the OPA855 transient response as the PD pin toggles between the disabled and enabled
states.
The PD disable and enable threshold voltages are with reference to the negative supply. If the amplifier is
configured with the positive supply at 3.3 V and the negative supply at ground, then the disable threshold voltage
is 0.65 V and the enable threshold voltage is 1.8 V. If the amplifier is configured with ±1.65-V supplies, then the
disable threshold voltage is –1 V and the enable threshold voltage is 0.15 V. If the amplifier is configured with
±2.5-V supplies, then the disable threshold voltage is –1.85 V and the enable threshold voltage is –0.7 V.
Figure 8-8 shows the switching behavior of a typical amplifier as the PD pin is swept down from the enabled to
the disabled state. Similarly, Figure 8-9 shows the switching behavior of a typical amplifier as the PD pin is swept
up from the disabled to the enabled state. The small difference in the switching thresholds between the down
sweep and up sweep is due to the hysteresis designed into the amplifier to increase noise immunity on PD.
Power Down Voltage (V)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
2.5
5
7.5
10
12.5
15
17.5
20
D600
TA = 40qC
TA = +25qC
TA = +125qC
Figure 8-8. Switching Threshold
(PD Pin Swept From High to Low)
Power Down Voltage (V)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
2.5
5
7.5
10
12.5
15
17.5
20
D601
TA = 40qC
TA = +25qC
TA = +125qC
Figure 8-9. Switching Threshold ( PD Pin Swept
From Low to High)
Connecting the PD pin low disables the amplifier and places the output in a high-impedance state. When the
amplifier is configured as a noninverting amplifier, the feedback (RF) and gain (RG) resistor network form a
parallel load to the output of the amplifier. To protect the input stage of the amplifier, the OPA855 uses internal,
back-to-back protection diodes between the inverting and noninverting input pins; see also Figure 8-3. In the
power-down state, if the differential voltage between the input pins of the amplifier exceeds a diode voltage drop,
an additional low-impedance path is created between the noninverting input pin and the output pin.
OPA855
SBOS622D – JULY 2018 – REVISED MAY 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com