Electronic Components Datasheet Search
  English  ▼

X  

OPA855YR Datasheet(PDF) 26 Page - Texas Instruments

Part # OPA855YR
Description  OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855YR Datasheet(HTML) 26 Page - Texas Instruments

Back Button OPA855YR Datasheet HTML 22Page - Texas Instruments OPA855YR Datasheet HTML 23Page - Texas Instruments OPA855YR Datasheet HTML 24Page - Texas Instruments OPA855YR Datasheet HTML 25Page - Texas Instruments OPA855YR Datasheet HTML 26Page - Texas Instruments OPA855YR Datasheet HTML 27Page - Texas Instruments OPA855YR Datasheet HTML 28Page - Texas Instruments OPA855YR Datasheet HTML 29Page - Texas Instruments OPA855YR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
Figure 9-5 shows the OPA855 configured as a TIA, with the optical sensor reverse biased so that the diode
cathode is tied to the positive bias voltage. A RC filter can be used at the reverse bias node as a low-pass filter
to eliminate high-frequency noise. The internal capacitance of photodetectors vary based on sensor type and the
value of the applied reverse voltage. The setups between each sensor type slightly differs, but the connection to
the amplifier is consistent throughout.
The difference between each optical design comprise choosing the feedback resistor to set the transimpedance
gain, and the feedback capacitance to compensate for the additional input capacitance. With an 8-GHz GBWP,
the OPA855 can accommodate very fast rise times to pair with emerging optical sensors to meet industry
demands for faster optical detections.
The dc voltage bias at the noninverting input of the OPA855 shown in Figure 9-5 sets the common-mode voltage
which maximizes the output swing of the system in mismatched power supply configurations. The dc bias is
critical to avoid clipping or saturating the output stage of the amplifier. For the later stages, a fully differential
amplifier (FDA) can be used to convert single-ended signal to a differential input to drive an analog-to-digital
converter (ADC) as shown in Figure 9-1. Higher order filters can be added between the FDA and ADC for
system noise reduction.
Figure 9-7 shows the performance that results from the design parameters provided in Table 9-1, and Figure 9-8
shows the general trends. Both figures depict the closed-loop bandwidth performance of the OPA855 configured
as a TIA using different sensor types and gain configurations. Figure 9-7 shows the amplifier performance based
on the chosen photodetector from the values provided in Table 9-1. PMTs and MPPCs have higher intrinsic
gains, but requires a wide bandwidth to compensate for the higher internal capacitance. Whereas, PDs and
APDs require higher gain configurations to achieve similar output voltage levels. The OPA855 can provide
the bandwidth to accommodate for both optical challenges. Figure 9-7 shows a generic view of the amplifier
performance as a function of sensor capacitance and transimpedance gain. Increasing the feedback resistance
and input capacitance, decreases the closed-loop bandwidth. Throughout the trends, the amount of change in
closed-loop bandwidth is consistent in relationship of the changes in both terms. A photodiode capacitance of 1
pF and a feedback resistance of 1 kΩ results in a very high closed-loop system bandwidth of 1.1 GHz.
OPA855
SBOS622D – JULY 2018 – REVISED MAY 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com