Electronic Components Datasheet Search
  English  ▼

X  

OPA855YR Datasheet(PDF) 27 Page - Texas Instruments

Part # OPA855YR
Description  OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855YR Datasheet(HTML) 27 Page - Texas Instruments

Back Button OPA855YR Datasheet HTML 23Page - Texas Instruments OPA855YR Datasheet HTML 24Page - Texas Instruments OPA855YR Datasheet HTML 25Page - Texas Instruments OPA855YR Datasheet HTML 26Page - Texas Instruments OPA855YR Datasheet HTML 27Page - Texas Instruments OPA855YR Datasheet HTML 28Page - Texas Instruments OPA855YR Datasheet HTML 29Page - Texas Instruments OPA855YR Datasheet HTML 30Page - Texas Instruments OPA855YR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
9.2.2.3 Application Curves
Figure 9-7. Optical Sensor TIA Frequency
Response
Figure 9-8. 1 Photodetector Input Characteristics
TIA Frequency Response
Figure 9-9. 2 Photodetector Input Characteristics
TIA Frequency Response
Figure 9-10. 3 Photodetector Input Characteristics
TIA Frequency Response
www.ti.com
OPA855
SBOS622D – JULY 2018 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: OPA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com