Electronic Components Datasheet Search
  English  ▼

X  

OPA855YR Datasheet(PDF) 32 Page - Texas Instruments

Part # OPA855YR
Description  OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855YR Datasheet(HTML) 32 Page - Texas Instruments

Back Button OPA855YR Datasheet HTML 28Page - Texas Instruments OPA855YR Datasheet HTML 29Page - Texas Instruments OPA855YR Datasheet HTML 30Page - Texas Instruments OPA855YR Datasheet HTML 31Page - Texas Instruments OPA855YR Datasheet HTML 32Page - Texas Instruments OPA855YR Datasheet HTML 33Page - Texas Instruments OPA855YR Datasheet HTML 34Page - Texas Instruments OPA855YR Datasheet HTML 35Page - Texas Instruments OPA855YR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
Changes from Revision B (January 2022) to Revision C (January 2023)
Page
• Added the Typical Application, Design Requirements, Detailed Design Procedure, and Application Curves
sections.............................................................................................................................................................23
Changes from Revision A (October 2018) to Revision B (January 2022)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Added bare die preview package to the Features section and Device Information table...................................1
• Added the bare die preview package to the Pin Configuration and Functions section...................................... 3
Changes from Revision * (July 2018) to Revision A (October 2018)
Page
• Changed from Advance Information to Production Data (active)....................................................................... 1
12 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
OPA855
SBOS622D – JULY 2018 – REVISED MAY 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com